データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPD-13P2-R/Q

  • AI
    The **LPD-13P2-R/Q** is a high-performance **InGaAs PIN Photodiode** module, typically packaged in a coaxial pigtail format. It is designed for high-speed fiber optic communication systems, specifically for converting optical signals into electrical currents. --- ### 1. Key Technical Specifications The following table summarizes the typical electronic and optical characteristics of the LPD-13P2-R/Q series: | Parameter | Specification (Typical) | Unit | | :--- | :--- | :--- | | **Spectral Response Range** | 1100 to 1650 | nm | | **Responsivity** | 0.85 – 0.90 (@ 1310/1550nm) | A/W | | **Bandwidth** | 2.5 to 3.0 | GHz | | **Dark Current** | < 0.5 | nA | | **Capacitance** | 0.5 – 0.7 | pF | | **Reverse Voltage (Max)** | 20 | V | | **Operating Temperature** | -40 to +85 | °C | --- ### 2. Core Electronic Components The device consists of three primary physical and electronic sections: #### A. InGaAs PIN Photodiode Chip * **Material:** Indium Gallium Arsenide (InGaAs) is used because its bandgap is ideal for detecting the long-wavelength infrared light used in telecommunications (1310nm and 1550nm). * **Structure:** The "PIN" structure (P-type, Intrinsic, N-type) creates a wide depletion region, which allows for low capacitance and high-speed operation. #### B. The Pigtail Interface (Optical) * The "P2" in the part number often refers to the fiber type or alignment method. * It usually features a **Single Mode Fiber (SMF)** pigtail, ensuring that the light from the network is focused precisely onto the small active area of the photodiode chip. #### C. Internal Circuitry * **Reverse Bias Connection:** The photodiode is operated in reverse bias mode to minimize response time and dark current. * **ESD Protection:** High-quality modules often include internal components to protect the sensitive InGaAs junction from Electrostatic Discharge (ESD). --- ### 3. Application Use Cases Because of its 2.5Gbps+ bandwidth capability, this part is commonly found in: 1. **SDH/SONET Receivers:** Used in high-speed digital backbone networks. 2. **Fiber to the Home (FTTH):** Acts as the receiver in optical network terminals (ONT). 3. **Optical Power Monitoring:** Used in instrumentation to measure the strength of laser signals. --- ### 4. Sample Integration Circuit To use this part, it is typically connected to a **Transimpedance Amplifier (TIA)** to convert the small current ($I_{pd}$) into a usable voltage ($V_{out}$). ```python # Conceptual Electronic Signal Path [Optical Fiber] -> [LPD-13P2 Photodiode] -> [Photocurrent (uA)] -> [TIA Amplifier] -> [Voltage Output] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and Q suffixes in this part number?
    • ⤷ How does reverse bias voltage affect the bandwidth of this photodiode?
    • ⤷ What are the recommended Transimpedance Amplifiers (TIAs) to pair with this device?