データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPD-22P1-R

  • AI
    The **LPD-22P1-R** is a high-performance, low-profile power inductor typically manufactured by companies like **ABC Taiwan** or similar power component specialists. It is primarily designed for high-density power conversion applications. --- ### 1. Key Technical Specifications Below are the general specifications for this component series: | Feature | Specification | | :--- | :--- | | **Component Type** | SMD Power Inductor (Shielded) | | **Core Material** | Ferrite / Iron Powder (Depending on specific sub-version) | | **Inductance Range** | Typically ranges from 1.0µH to 100µH | | **Tolerance** | ±20% (M) or ±30% (N) | | **Operating Temp** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Physical Construction The "LPD" prefix often refers to **Low Profile Dual** or **Low Profile Shielded** inductors. The construction includes: * **Shielded Design:** The inductor is encased in a magnetic shield (usually ferrite resin or a metal cap) to minimize Electromagnetic Interference (EMI) and prevent magnetic flux from affecting nearby components. * **Low Profile:** The "22" in the part number often relates to the physical footprint (e.g., 2.0mm x 2.0mm or similar sizing standards), making it ideal for thin devices like smartphones or tablets. * **Lead-Free/RoHS:** The "R" suffix usually denotes **RoHS compliance**, meaning it is free from hazardous substances like lead. --- ### 3. Electronic Characteristics To integrate this part, engineers look at these three critical parameters: 1. **DCR (DC Resistance):** This determines the power loss within the inductor. The LPD series aims for low DCR to maximize efficiency in battery-operated devices. 2. **Isat (Saturation Current):** The current at which the inductance drops (usually by 30%) due to magnetic saturation. 3. **Irms (Rms Current):** The continuous current that causes a specific temperature rise (usually 40°C) in the component. --- ### 4. Common Applications Due to its small footprint and shielding, the LPD-22P1-R is commonly found in: * **DC-DC Converters:** Point-of-Load (POL) modules. * **Mobile Electronics:** Smartphones, wearable tech, and tablets. * **LCD Displays:** Powering the backlight or driver circuits. * **IoT Sensors:** Where space is at a premium and battery life is critical. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions of the LPD-22P1-R footprint?
    • ⤷ How does saturation current affect the performance of this inductor?
    • ⤷ Can you provide a comparison between this part and a non-shielded alternative?