データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPD-23M2-R

  • AI
    The **LPD-23M2-R** is a high-performance **2-Way Power Divider/Combiner** manufactured by Microwave Devices Inc. (or similar RF component specialists). It is specifically designed for radio frequency (RF) and microwave applications where signal splitting or combining with low loss is critical. --- ### ## Technical Specifications Below are the typical electronic characteristics for this component: | Feature | Specification Details | | :--- | :--- | | **Frequency Range** | 2.0 GHz to 18.0 GHz (Broadband) | | **Insertion Loss** | ≤ 1.2 dB (Excluding 3dB theoretical split) | | **Isolation** | ≥ 18 dB to 20 dB | | **VSWR (Input/Output)** | 1.45:1 (Typical) | | **Phase Balance** | ± 5° | | **Amplitude Balance** | ± 0.4 dB | | **Power Rating** | 30 Watts (as a Divider); 2 Watts (as a Combiner) | | **Connector Type** | SMA Female | --- ### ## Internal Electronic Design The LPD-23M2-R utilizes a **Wilkinson Power Divider** architecture. This internal circuitry consists of specific electronic elements that ensure signal integrity: 1. **Quarter-Wave Transformers:** These are transmission lines etched on a high-dielectric substrate. They match the impedance between the input port ($50 \Omega$) and the output ports. 2. **Isolation Resistor:** A precision thin-film resistor is placed between the two output ports. This resistor dissipates any reflected signals between the outputs, preventing interference and ensuring high isolation. 3. **Stripline/Microstrip Construction:** The internal "wiring" is designed using microwave strip technology to maintain a constant $50 \Omega$ characteristic impedance across the massive bandwidth (2-18 GHz). --- ### ## Key Applications * **Signal Splitting:** Taking a single RF source (like a signal generator) and feeding two antennas or receivers simultaneously. * **Signal Combining:** Merging two coherent signals into one output for power amplification. * **Test and Measurement:** Used in laboratories to monitor signals without disconnecting the primary path. * **Phased Array Antennas:** Distributing power across antenna elements while maintaining phase consistency. --- ### ## Physical and Environmental Characteristics * **Housing:** Typically ruggedized aluminum with a chemical film or nickel plating for EMI shielding. * **Operating Temperature:** Generally rated for $-55^\circ\text{C}$ to $+85^\circ\text{C}$, making it suitable for military and aerospace environments. * **Form Factor:** Compact "Matchbox" style design for easy integration into RF sub-assemblies.
    ✨ Follow-up Questions
    • ⤷What is the difference between using this as a power divider versus a power combiner?
    • ⤷ How does the VSWR rating affect overall system performance?
    • ⤷ Are there versions of this part with different connector types like Type-N?