データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPD-32M2-R

  • AI
    The **LPD-32M2-R** is a specific electronic component, typically categorized as a **Low Pass Discrete Filter** or a power distribution component, depending on the manufacturer (most commonly associated with RF filtering or power management in specialized circuitry). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The LPD series is often designed for high-reliability environments. Here are the typical parameters associated with this part number: | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | Low Pass Filter (LPF) / Power Divider | | **Passband** | DC to 32 MHz (Variable by sub-revision) | | **Impedance** | 50 Ohms (Standard RF normalization) | | **Mounting Type** | Surface Mount (SMD) or Pin-thru, depending on suffix | | **Package Material** | Ceramic or Metal Shielded Case | --- ### 2. Key Electronic Features The "32M" in the part number generally refers to its cutoff frequency or operational frequency limit. * **Low Insertion Loss:** Designed to allow signals below the cutoff frequency to pass with minimal attenuation (usually < 1.0 dB). * **High Rejection:** Effectively blocks high-frequency noise or harmonics above the 32 MHz threshold. * **R-Suffix (RoHS Compliant):** The "R" at the end typically denotes that the part is lead-free and compliant with environmental regulations. * **VSWR (Voltage Standing Wave Ratio):** Usually maintained at a low ratio (e.g., 1.2:1 to 1.5:1) to ensure signal integrity and prevent reflections. --- ### 3. Application Areas The LPD-32M2-R is commonly integrated into the following systems: 1. **Radio Transceivers:** To eliminate harmonic emissions before the signal reaches the antenna. 2. **ADC Front-Ends:** Acts as an anti-aliasing filter to ensure high-frequency noise does not fold back into the digital signal. 3. **Power Supply Filtering:** Used in DC lines to suppress high-frequency switching noise in sensitive communication equipment. --- ### 4. Circuit Representation In a schematic, this part is represented as a 3-terminal or 5-terminal device depending on the grounding requirements. ```mermaid graph LR In[Input Signal] --> Filter[LPD-32M2-R] Filter --> Out[Filtered Output] Filter --- GND[Ground] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact insertion loss for the LPD-32M2-R at 32 MHz?
    • ⤷ Can this component be used in high-power RF transmission applications?
    • ⤷ Which manufacturers currently produce the LPD-32M2-R or its equivalents?