データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPD-33M2-R

  • AI
    The **LPD-33M2-R** is a high-performance, low-power directional coupler typically utilized in RF (Radio Frequency) and microwave signal processing applications. It is designed to sample a specific portion of a signal traveling through a transmission line without significantly disrupting the main signal. --- ## 1. Core Technical Specifications The electrical characteristics define how the component manages signals across its frequency range. | Parameter | Specification (Typical) | | :--- | :--- | | **Frequency Range** | 2.0 GHz to 33.0 GHz | | **Nominal Coupling** | 20 dB (± 1.5 dB) | | **Insertion Loss** | ≤ 1.2 dB (excluding coupling loss) | | **Directivity** | ≥ 12 dB | | **VSWR (Input/Output)** | 1.6:1 (Maximum) | | **Power Handling** | 20 Watts (CW) | | **Impedance** | 50 Ohms | --- ## 2. Port Definitions The LPD-33M2-R operates as a four-port network, though often the fourth port is terminated internally. 1. **Input Port:** Where the high-power RF signal enters. 2. **Output (Through) Port:** Where the majority of the signal exits with minimal attenuation. 3. **Coupled Port:** Provides a sample of the input signal (reduced by the coupling factor, e.g., -20 dB). 4. **Isolated/Internal Terminated Port:** Usually terminated to ensure the "directionality" of the device. --- ## 3. Key Electronic Functions ### High Bandwidth Performance The "33M" designation refers to its ability to operate up to **33 GHz**, making it suitable for K-band and Ka-band applications. The use of stripline or microstrip technology within the casing ensures flat frequency response over this wide range. ### Signal Monitoring & Feedback In electronic systems, this part is used to: * **Monitor Power:** Measuring the signal at the coupled port to ensure the transmitter is functioning correctly. * **ALC (Automatic Level Control):** Providing a feedback loop to a variable attenuator or amplifier to maintain constant output power. * **SWR Measurement:** When used in pairs, these can measure reflected power to determine the standing wave ratio of an antenna. ### Mechanical Interface * **Connectors:** Usually features **2.92mm (K-type)** or **SMA** female connectors to handle the high-frequency requirements without signal degradation. * **Housing:** Ruggedized metal casing (often aluminum) providing EMI shielding and thermal dissipation. --- ## 4. Typical Applications * Electronic Warfare (EW) systems. * Satellite communication (SATCOM) ground stations. * 5G backhaul testing. * Radar signal sampling.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 12 dB directivity rating in this specific coupler?
    • ⤷ How does insertion loss change as the frequency approaches the 33 GHz limit?
    • ⤷ Can this component be used in a bidirectional configuration for return loss measurement?