データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPD-42MA-R

  • AI
    The **LPD-42MA-R** is a specific electronic component typically categorized under optoelectronics. It is a **Photo Diode** module, often utilized in high-speed fiber optic communications or precision sensing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The "LPD" series generally refers to **InGaAs (Indium Gallium Arsenide) PIN Photodiodes**. These are designed for high-responsivity in the near-infrared spectrum, making them ideal for telecommunications. ### 2. Technical Specifications While specific data can vary by manufacturer (often associated with brands like PD-LD or similar fiber-optic specialists), the typical parameters for the **LPD-42MA-R** are as follows: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Material** | InGaAs | High sensitivity to 1310nm and 1550nm wavelengths. | | **Spectral Range** | 800nm – 1700nm | Covers the standard fiber optic transmission windows. | | **Active Area** | ~75 μm | The diameter of the light-sensitive region. | | **Responsivity** | 0.85 - 0.95 A/W | Efficiency of converting optical power to electrical current. | | **Capacitance** | < 1.0 pF | Low capacitance allows for high-speed operation (GHz range). | | **Dark Current** | < 1.0 nA | The leakage current when no light is present. | ### 3. Key Electronic Components & Design * **The PIN Structure:** Unlike standard PN junctions, this contains an "Intrinsic" layer between the P and N layers. This increases the depletion region, reducing capacitance and increasing response speed. * **The Receptacle ("-R"):** The suffix **-R** usually indicates a **Receptacle** style housing (such as FC, ST, or SC). This allows a fiber optic patch cord to be plugged directly into the component. * **Anode/Cathode Configuration:** The device typically features three pins (Anode, Cathode, and Case Ground) to allow for flexible biasing and noise reduction. ### 4. Common Applications 1. **Fiber Optic Receivers:** Converting light signals back into electrical data in SONET/SDH or Ethernet systems. 2. **Optical Power Monitoring:** Used in feedback loops to ensure laser diodes are outputting the correct power levels. 3. **Instrumentation:** High-speed laboratory light detection and spectroscopy. --- ### 5. Simple Connection Schematic In a typical receiver circuit, the photodiode is "reverse-biased" to minimize response time: ```c Vcc (+) | [Resistor] | +---- Output Signal (To Amplifier) | [Photodiode (LPD-42MA-R)] | GND ```
    ✨ Follow-up Questions
    • ⤷What is the maximum data rate supported by the LPD-42MA-R?
    • ⤷ What are the pinout configurations for the LPD series receptacle photodiodes?
    • ⤷ How does the 'R' suffix affect the mounting process compared to pigtail versions?