データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPD-43P1-R

  • AI
    The **LPD-43P1-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor**. These components are widely used in power management circuits to store energy in a magnetic field and filter electrical noise. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications While specific parameters can vary slightly by manufacturer (often associated with brands like **Mag Layers** or **Coilcraft** equivalents), the "LPD" series generally follows these conventions: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Inductor (Shielded) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Inductance** | Usually indicated by the "43" series (e.g., 4.3µH or 43µH depending on full code) | | **Shielding** | Magnetic Shielding (to prevent EMI interference) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Core Electronic Functions The LPD-43P1-R performs several critical roles within an electronic assembly: * **Energy Storage:** It stores energy in its magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle. * **DC-DC Conversion:** It is a primary component in Buck (step-down), Boost (step-up), and SEPIC converter topologies. * **Noise Suppression:** It acts as a low-pass filter, smoothing out high-frequency ripple currents to provide a steady DC voltage. * **EMI Management:** Because it is "Shielded," the magnetic flux is contained within the core, minimizing interference with neighboring components on a dense PCB. --- ### 3. Physical & Material Composition Understanding the materials helps in determining how the part handles heat and frequency: * **Core Material:** Usually Ferrite. Ferrite cores offer high permeability and low eddy current losses at high frequencies. * **Winding:** Copper wire with high-temperature insulation. * **Terminations:** Tin-plated (Sn) over nickel/copper for reliable soldering during the reflow process. * **Construction:** The "P1" designation often refers to a specific design revision or a low-profile height profile, making it suitable for thin devices like smartphones or tablets. --- ### 4. Typical Applications You will find this part in circuits where space is limited but power efficiency is required: 1. **Mobile Devices:** Power rails for CPUs/GPUs in handheld electronics. 2. **Laptops/Tablets:** Voltage Regulator Modules (VRMs). 3. **Industrial Sensors:** Stable power supply for 5V or 3.3V logic gates. 4. **LED Drivers:** Controlling current flow to high-brightness LEDs. --- ### 5. Identification Code Breakdown If we break down the part number **LPD-43P1-R**: * **LPD:** Series name (Low Profile / Power / Dual or Inductor). * **43:** Dimensions (often 4.0mm x 3.0mm footprint) or Inductance value. * **P1:** Design/Performance variation. * **-R:** Generally indicates **RoHS Compliant** or **Tape & Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What are the exact current (Amps) and Inductance (uH) ratings for this specific model?
    • ⤷ How does a shielded inductor compare to an unshielded one in terms of PCB layout?
    • ⤷ What is the recommended solder reflow profile for LPD series components?