データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPD-43P3-R/Q

  • AI
    The **LPD-43P3-R/Q** is a high-performance **Photo Diode (PD)** module, typically utilized in fiber optic communication systems. It is designed to convert optical signals into electrical signals with high efficiency and low noise. --- ### 1. Key Technical Specifications The device is generally a **PIN Photodiode** integrated into a Receptacle or Pigtail package. Below are the typical electronic characteristics: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Material** | InGaAs | Indium Gallium Arsenide for high infrared sensitivity. | | **Wavelength Range** | 1100nm - 1650nm | Optimized for C-band and L-band fiber communications. | | **Responsivity** | 0.85 - 0.95 A/W | Efficiency of light-to-current conversion. | | **Dark Current** | < 0.5 nA | Leakage current when no light is present (lower is better). | | **Capacitance** | 0.4 - 0.7 pF | Low capacitance allows for high-speed operation. | | **Bandwidth** | Up to 2.5 Gbps | Suitable for high-speed data transmission. | --- ### 2. Physical and Electronic Structure The part number suffix (R/Q) often refers to the mechanical housing or the specific alignment of the optical interface: * **Chip Type:** InGaAs PIN-PD (Positive-Intrinsic-Negative). * **Package Style:** TO-46 CAN (Transistor Outline) with a receptacle (R) or pigtail interface. * **Active Area:** Usually a small diameter (e.g., 55μm to 75μm) to minimize capacitance and maximize speed. --- ### 3. Circuit Integration Example To use this component in an electronic circuit, it must be reverse-biased and connected to a **Transimpedance Amplifier (TIA)** to convert the small photocurrent into a usable voltage. ```c // Basic Electronic Connection Logic [Optical Fiber] -> [LPD-43P3-R/Q PD] -> [TIA Amplifier] -> [Post-Amp/MCU] // Connection Pinout (Typical) Pin 1: Case Ground Pin 2: Anode (Signal Output) Pin 3: Cathode (Bias Voltage Vcc) ``` --- ### 4. Applications 1. **Optical Receivers:** Used in GPON/EPON or SONET/SDH networks. 2. **Fiber Monitoring:** Sensing the presence of light in long-haul lines. 3. **Instrumentation:** High-speed optical power meters and test equipment.
    ✨ Follow-up Questions
    • ⤷ What is the maximum reverse bias voltage for this specific photodiode?
    • ⤷ How does the InGaAs material compare to Silicon for fiber optic applications?
    • ⤷ What are the differences between the 'R' and 'Q' suffixes in this part number?