データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPF-12P.M1W-R

  • AI
    The **LPF-12P.M1W-R** is a specific model of a **Low Pass Filter (LPF)** designed for telecommunications and signal processing applications. It is typically used to allow lower-frequency signals to pass through while attenuating (blocking) higher-frequency noise or interference. --- ### 1. Key Technical Specifications Based on standard industry nomenclature for this series, here are the primary electronic characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Passband Frequency** | 0 to 12 MHz (approximate) | | **Impedance** | 75 Ohms (standard for video/CATV) | | **Connector Type** | F-Type (Male/Female configuration) | | **Return Loss** | > 18 dB | | **Insertion Loss** | < 1.0 dB | | **Construction** | Metal Housing (Shielded) | --- ### 2. Functional Electronic Components The internal architecture of this device usually consists of passive LC (Inductor-Capacitor) networks: 1. **Inductors (L):** Usually small wire-wound coils or surface-mount inductors that create high impedance at high frequencies. 2. **Capacitors (C):** High-precision ceramic capacitors that shunt high-frequency noise to the ground. 3. **Shielded Housing:** The "M" in the model often signifies a metallic or molded housing that acts as a Faraday cage to prevent Electromagnetic Interference (EMI). 4. **Weatherproofing:** The "W" in the suffix often indicates "Weatherproof," meaning the electronic joints are sealed with O-rings or epoxy to prevent moisture ingress. --- ### 3. Application Use Cases The LPF-12P.M1W-R is commonly used in the following scenarios: * **MoCA Blocking:** Preventing Multimedia over Coax Alliance (MoCA) signals from leaking out of a home network into the street. * **Sub-band Filtering:** Filtering out unwanted upstream noise in cable modem systems. * **Signal Conditioning:** Removing high-frequency harmonic distortion from a signal path before it reaches a sensitive receiver. --- ### 4. Part Number Breakdown (Generic) | Segment | Meaning | | :--- | :--- | | **LPF** | Low Pass Filter | | **12P** | 12 MHz Passband (or 12th revision/series) | | **M1** | Mechanical/Housing Style 1 | | **W** | Waterproof/Weatherproof sealing | | **R** | RoHS Compliant (Lead-free) |
    ✨ Follow-up Questions
    • ⤷ What is the cutoff frequency for the LPF-12P.M1W-R?
    • ⤷ Is this filter compatible with 50-ohm systems?
    • ⤷ How does the insertion loss affect signal quality?