データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPF-13P.M1W-R

  • AI
    ## Technical Overview of the LPF-13P.M1W-R The **LPF-13P.M1W-R** is a specific electronic component, typically categorized as a **Low Pass Filter (LPF)** designed for high-frequency or RF (Radio Frequency) applications. These components are essential in telecommunications to suppress harmonics and prevent interference by allowing low-frequency signals to pass while attenuating higher frequencies. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the likely technical parameters: | Parameter | Estimated Value / Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) | | **Passband** | DC to Specified Cut-off Frequency | | **Mounting Type** | Surface Mount (SMD) | | **Impedance** | Typically 50 Ohms (Industry Standard) | | **Packaging** | Reel/Tape (indicated by the "-R" suffix) | | **Application** | Harmonic Rejection, Signal Conditioning | --- ### 2. Breakdown of the Part Number The alphanumeric string provides specific details about the component's construction: * **LPF**: Stands for **Low Pass Filter**. * **13P**: Refers to the physical package size or a specific frequency series (often associated with 1.3mm or a specific internal designator). * **M1W**: This is a manufacturer-specific code representing the dielectric material, power handling capability, or the specific cut-off frequency point. * **-R**: Indicates **RoHS compliance** or **Reel packaging** for automated pick-and-place assembly. --- ### 3. Electronic Functions and Usage In a circuit, the LPF-13P.M1W-R performs several critical roles: 1. **Harmonic Suppression**: It removes unwanted integer multiples of the fundamental frequency produced by power amplifiers. 2. **Noise Reduction**: It filters out high-frequency electromagnetic interference (EMI) that could corrupt data signals. 3. **Impedance Matching**: While its primary job is filtering, its internal LC (Inductor-Capacitor) structure is designed to maintain system impedance (usually 50Ω) to prevent signal reflection. --- ### 4. Typical Internal Circuitry Internally, these filters are usually constructed using **LTCC (Low Temperature Co-fired Ceramic)** technology. The schematic structure usually follows a "Pi" or "T" topology: ```text Input (IN) ----[ Inductor ]----[ Inductor ]---- Output (OUT) | | [Capacitor] [Capacitor] | | Ground Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact cut-off frequency for the LPF-13P.M1W-R?
    • ⤷ Which manufacturer produces this specific series of filters?
    • ⤷ What are the soldering temperature requirements for this SMD component?