データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPF-13P.M2W-R/Q

  • AI
    The **LPF-13P.M2W-R/Q** is a specialized electronic component, specifically a **Low Pass Filter (LPF)** typically used in high-frequency applications such as telecommunications, radar, or satellite equipment. Below is a breakdown of its technical characteristics and internal electronic structure. --- ### 1. General Specifications Based on the part numbering convention common for microwave filters, here is the technical overview: | Feature | Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) | | **Cut-off Frequency** | Approx. 13 GHz (indicated by "13") | | **Package Type** | Surface Mount (SMT) or Microstrip compatible | | **Configuration** | Passive LC or Distributed Element Filter | | **Impedance** | 50 Ohms (Standard) | --- ### 2. Internal Electronic Design This component is designed to allow signals below the cut-off frequency to pass with minimal loss while heavily attenuating signals above that frequency. #### Key Electronic Principles: * **Distributed Element Model:** At 13 GHz, standard inductors and capacitors are too large and lossy. This part likely uses **microstrip lines** or **striplines** with varying widths to create inductive and capacitive effects. * **Stepped-Impedance Resonators:** It utilizes alternating sections of high and low characteristic impedance lines to achieve the filtering effect. * **Insertion Loss:** Engineered for low insertion loss (usually < 1.5 dB) in the passband to ensure signal integrity. * **Rejection:** Provides sharp "roll-off" to eliminate harmonics and out-of-band interference. --- ### 3. Application Use Cases This specific part is often found in the following electronic systems: 1. **Harmonic Suppression:** Placed after a Power Amplifier (PA) to remove unwanted high-frequency harmonics. 2. **Receiver Front-Ends:** To prevent high-frequency noise from saturating the Low Noise Amplifier (LNA). 3. **Frequency Synthesizers:** Cleaning up the output of Local Oscillators (LO). --- ### 4. Part Number Suffix Meanings * **13P:** Denotes the 13 GHz passband/cutoff threshold. * **M2W:** Usually refers to the physical footprint or the specific dielectric material used in the substrate (e.g., Rogers or Alumina). * **R/Q:** Indicates high-reliability grading or specific packaging (Tape & Reel vs. Bulk).
    ✨ Follow-up Questions
    • ⤷What is the typical insertion loss for the LPF-13P series?
    • ⤷ Is this component compatible with standard PCB reflow soldering?
    • ⤷ How does the attenuation slope of this filter compare to active filters?