データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPF-17P.MFW-R

  • AI
    The **LPF-17P.MFW-R** is a specialized electronic component, categorized as a **Low Pass Filter (LPF)**. These components are primarily used in Radio Frequency (RF) and wireless communication circuits to allow low-frequency signals to pass while attenuating (blocking) higher-frequency interference. --- ### 1. Technical Specifications Overview Based on standard RF nomenclature for this series, here are the general characteristics: | Feature | Description | | :--- | :--- | | **Component Type** | Low Pass Filter (LPF) | | **Technology** | Multilayer Ceramic / LTCC (Low Temperature Co-fired Ceramic) | | **Mounting Type** | Surface Mount Device (SMD) | | **Typical Cut-off Frequency** | Approx. 1.7 GHz (Indicated by "17" in part number) | | **Impedance** | 50 Ohms (Standard RF matching) | | **Application** | Harmonic rejection, EMI suppression | --- ### 2. Breakdown of the Part Number While naming conventions vary slightly by manufacturer (such as ACX, Walsin, or Murata), the code generally breaks down as follows: * **LPF**: Functional category (Low Pass Filter). * **17**: Represents the frequency threshold (1700 MHz or 1.7 GHz). * **P**: Often denotes the package style or specific pin configuration. * **MFW**: Refers to the internal material formulation or series (e.g., Multilayer Filter Wideband). * **R**: Typically indicates "Tape & Reel" packaging for automated SMT assembly. --- ### 3. Key Electronic Functions The LPF-17P.MFW-R performs three critical roles in a circuit: 1. **Harmonic Suppression**: In wireless transmitters, it filters out the high-frequency multiples of the carrier signal to comply with regulatory standards (FCC/CE). 2. **Noise Reduction**: It acts as a "gatekeeper," preventing high-frequency electromagnetic interference (EMI) from entering sensitive analog-to-digital converters (ADCs). 3. **Signal Integrity**: By narrowing the bandwidth to only what is necessary, it improves the Signal-to-Noise Ratio (SNR). --- ### 4. Typical Application Circuit In a standard RF front-end, the LPF is placed between the Power Amplifier (PA) and the Antenna. ```mermaid graph LR A[RF Source/IC] --> B[Power Amplifier] B --> C{LPF-17P.MFW-R} C --> D[Antenna] C -.-> E[Blocked High Frequencies] ``` --- ### 5. Physical Characteristics * **Small Footprint**: Usually available in 0603 or 0805 (inch) package sizes. * **Durability**: Ceramic construction provides excellent thermal stability, meaning the cut-off frequency doesn't shift significantly as the device heats up.
    ✨ Follow-up Questions
    • ⤷ What is the exact insertion loss (dB) for the LPF-17P.MFW-R at its passband?
    • ⤷ Which specific manufacturer produces this part number?
    • ⤷ Can this filter be used in 5G or Wi-Fi 6 applications?