データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPS-RK-300SP

  • AI
    ## LPS-RK-300SP: Low-Peak™ Electronic Fuse Overview The **LPS-RK-300SP** is a high-performance, current-limiting, dual-element time-delay fuse. It belongs to the **Bussmann series (Eaton)** and is classified under **UL Class RK1**. ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the LPS-RK-300SP: | Feature | Specification | | :--- | :--- | | **Amperage Rating** | 300 Amps | | **Voltage Rating (AC)** | 600 Vac (or less) | | **Voltage Rating (DC)** | 300 Vdc (or less) | | **Interrupting Rating (AC)** | 300,000 Amps RMS Symmetrical | | **Interrupting Rating (DC)** | 100,000 Amps | | **Class** | RK1 | | **Fuse Type** | Dual-Element, Time-Delay | --- ### 2. Core Electronic Components & Construction While a fuse may seem like a simple piece of hardware, the "Electronic Parts" or internal design of an RK1 dual-element fuse involves sophisticated materials engineering: #### A. Dual-Element Design Unlike standard fuses, this part contains two distinct internal mechanisms: 1. **Thermal Element:** Handles low-level overloads. It consists of a center trigger mechanism that melts at a specific temperature, providing the "time-delay" characteristic (minimum 10 seconds at 500% of rated current). 2. **Short-Circuit Element:** A high-speed notched copper link designed to react instantly to massive current spikes, providing the "current-limiting" feature. #### B. Current-Limiting Technology The LPS-RK-300SP is highly current-limiting. This means it can react so fast that it clears a fault before the current even reaches its first peak. This protects downstream electronic components from mechanical and thermal stress. #### C. Arc Quenching Material The internal body is filled with high-grade silica sand. When the fuse blows, the sand turns into glass (fulgurite), which instantly absorbs the energy of the electrical arc and extinguishes it safely. --- ### 3. Application Use Cases Because of its high interrupting rating and time-delay features, it is commonly used for: * **Large Motor Circuits:** To handle high in-rush currents without nuisance tripping. * **Transformer Protection:** Balancing the magnetizing in-rush while providing tight overload protection. * **Main Service Disconnects:** Providing a high level of protection for an entire building's electrical system. --- ### 4. Comparison: RK1 vs. RK5 The LPS-RK-300SP is an **RK1** fuse, which is electronically superior to the common RK5: | Feature | LPS-RK (RK1) | FRN-R/FRS-R (RK5) | | :--- | :--- | :--- | | **Current Limitation** | Exceptional (Lower let-through) | Moderate | | **Arc Energy Reduction** | High | Standard | | **Best For** | Solid-state devices/Circuit Breaker protection | General purpose | ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between time-delay and fast-acting fuses in motor applications?
    • ⤷ Can an RK1 fuse be used as a direct replacement for an RK5 fuse?
    • ⤷ How does the 'current-limiting' feature protect downstream sensitive electronics?