データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LPS-RK-7SP

  • AI
    ### LPS-RK-7SP Electronic Specifications and Overview The **LPS-RK-7SP** is a high-performance, current-limiting, dual-element time-delay fuse. It belongs to the **Low-Peak™** family and is categorized as a **Class RK1** fuse. These fuses are commonly used in industrial power systems to protect sensitive electronic components and motors. --- ### 1. Key Technical Specifications The electrical characteristics define how the device reacts to overcurrent events. | Specification | Value | | :--- | :--- | | **Amperage Rating** | 7 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating (AC)** | 300 kA RMS Symmetrical | | **Interrupting Rating (DC)** | 100 kA | | **Fuse Class** | Class RK1 | | **Body Material** | Melamine (Fiberglass) | --- ### 2. Electronic Operating Features #### A. Dual-Element Design The LPS-RK-7SP contains two distinct internal elements: 1. **Thermal Element:** Handles low-level overloads. It provides a "time-delay" feature, allowing temporary surges (like motor startups) to pass without blowing the fuse. 2. **Magnetic/Instantaneous Element:** Reacts immediately to high-level short circuits, clearing the fault in milliseconds. #### B. Current Limitation As a Class RK1 fuse, the LPS-RK-7SP is highly **current-limiting**. In the event of a massive short circuit, the fuse interrupts the current flow before it reaches its peak magnitude. This prevents: * Thermal damage to wires. * Mechanical stress on busbars and disconnects. * Explosive energy release (Arc Flash). #### C. Coordination Because of its precise "Time-Delay" vs. "Instantaneous" curve, it is easily coordinated with upstream and downstream breakers. This ensures that only the fuse closest to a fault opens, preventing a total facility blackout. --- ### 3. Physical & Installation Parts * **Ferrule/Blade Contacts:** Typically features grooved end caps to ensure it fits only into Class R fuse holders, preventing the accidental installation of a lower-rated (Class H or K) fuse. * **Rejection Feature:** The "R" in RK1 stands for rejection. The physical dimensions prevent non-current-limiting fuses from being swapped in, ensuring system safety remains intact. --- ### 4. Typical Applications * **Motor Protection:** The 7A rating is ideal for small 460V or 600V three-phase motors. * **Transformer Protection:** Protects the primary side of control power transformers. * **Branch Circuits:** Used in industrial control panels to protect sensitive PLC outputs or power supplies.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an RK1 and an RK5 fuse in terms of electronic performance?
    • ⤷ How does the time-delay feature impact motor startup currents?
    • ⤷ What specific fuse holder is required for the LPS-RK-7SP?