データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LR-534-R

  • AI
    The **LR-534-R** is a specific electronic component typically identified as a **Surface Mount (SMD) Power Inductor** or a specific high-frequency chip inductor, often used in power management and filtering circuits. Below is a breakdown of its technical specifications, construction, and typical applications. --- ### 1. Technical Specifications The "LR" series generally refers to low-resistance inductors. While specific manufacturers (like Sumida or ABC Taiwan) may vary slightly, the general characteristics for the 534-R footprint are as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Inductance Range** | Typically 1.0µH to 100µH (depends on sub-code) | | **Tolerance** | ±20% (M) or ±30% (N) | | **DCR (DC Resistance)** | Very low (mΩ range) to minimize power loss | | **Rated Current** | High saturation current (typically 1A to 5A depending on value) | | **Package Size** | SMD Type (Approx 5.0mm x 5.0mm x 4.0mm) | | **Termination** | RoHS compliant, Lead-free (indicated by the "-R") | --- ### 2. Core Component Parts The device is composed of three primary physical elements: 1. **Magnetic Core:** Usually a ferrite drum core or a shielded magnetic powder core. This determines the inductance and saturation characteristics. 2. **Copper Winding:** Enameled copper wire wound around the core. The thickness of the wire determines the maximum current (Isat) and resistance (DCR). 3. **Electrode/Pad:** The bottom surface consists of tin-plated copper pads for SMT (Surface Mount Technology) soldering to a PCB. 4. **Shielding (Optional):** Many "-R" variants are magnetically shielded to prevent Electromagnetic Interference (EMI) with neighboring components. --- ### 3. Circuit Functions The LR-534-R performs several critical roles in an electronic assembly: * **Energy Storage:** In DC-DC converters (Buck/Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. * **Noise Filtering:** Acts as a low-pass filter to block high-frequency AC noise while allowing DC current to pass through. * **Voltage Regulation:** Helps smooth out ripple currents in power supply stages for CPUs or sensitive analog sensors. --- ### 4. Common Applications * **Consumer Electronics:** Power modules for laptops, tablets, and smartphones. * **Automotive:** Infotainment systems and LED lighting drivers. * **Industrial:** DC-DC converter bricks and distributed power systems.
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current for the 10uH version of this inductor?
    • ⤷ How does magnetic shielding in the LR series affect EMI performance?
    • ⤷ Can this part be replaced with a standard through-hole inductor in a prototype?