データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LR10-E-R

  • AI
    The **LR10-E-R** typically refers to a high-performance **Fiber Optic Receiver** module, commonly used in industrial automation, telecommunications, or sensor networks. Below is a breakdown of its electronic characteristics and components. ### 1. Core Functionality The LR10-E-R acts as an optical-to-electrical converter. It receives modulated light signals through a fiber optic cable and converts them into digital or analog electrical pulses that a controller (like a PLC or MCU) can process. --- ### 2. Key Electronic Specifications The performance of this part is defined by its sensitivity and switching speed. | Feature | Description | | :--- | :--- | | **Input Type** | Optical (Red LED or Laser source compatible) | | **Output Type** | PNP or NPN (Typically Open Collector) | | **Operating Voltage** | 10V - 30V DC (Standard Industrial range) | | **Response Time** | High speed (typically < 1ms) | | **Connection Type** | M8 or M12 connector / Pre-wired cable | --- ### 3. Internal Electronic Components The internal circuitry is composed of three main stages: #### A. The Photodetector (Input Stage) * **Photodiode:** A silicon-based component that generates a small current when struck by photons. * **Preamplifier:** Since the photodiode current is extremely weak, a transimpedance amplifier (TIA) is used to convert current to a usable voltage. #### B. Signal Processing (Intermediate Stage) * **Schmitt Trigger:** This component ensures the output is binary (ON/OFF) by preventing "chatter" or noise from causing false triggers. * **Sensitivity Potentiometer:** A variable resistor used to adjust the threshold at which the light triggers the output. #### C. Output Driver (Power Stage) * **Transistor Switching:** Usually utilizes a **Bipolar Junction Transistor (BJT)** or **MOSFET** to handle the load current (often up to 100mA). * **Reverse Polarity Protection:** Diodes are integrated to prevent damage if the power supply wires are crossed. --- ### 4. Circuit Implementation Example When integrating the LR10-E-R into a system, the wiring typically follows this standard color code: ```markdown 1. Brown -> Positive (+VDC) 2. Blue -> Negative (0V / Ground) 3. Black -> Control Output (Load) ``` > **Note:** If the model includes an "R" suffix, it often denotes "Receiver" in a through-beam pair or a specific "Red Light" spectrum optimization. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between NPN and PNP output versions for this part?
    • ⤷ How do I calculate the maximum cable length for the LR10-E-R signal?
    • ⤷ Does this model support IO-Link communication?