データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LR1102AL-35-AF5-R

  • AI
    The **LR1102AL-35-AF5-R** is a specific low-dropout (LDO) linear regulator. These components are essential in power management for providing a stable output voltage from a higher or fluctuating input voltage. ### 1. Component Breakdown (Naming Convention) The part number can be decoded to understand its specific parameters: | Code | Meaning | Details | | :--- | :--- | :--- | | **LR1102** | Series Name | Low Dropout Linear Regulator Series | | **A** | Version/Accuracy | Standard performance characteristics | | **L** | Lead Free | RoHS compliant / Green packaging | | **35** | Voltage Output | **3.5V** Fixed Output | | **AF5** | Package Type | **SOT-25** (also known as SOT-23-5) | | **R** | Packing | Tape & Reel | --- ### 2. Key Technical Specifications Based on the LR1102 series datasheet, here are the primary electrical characteristics: * **Input Voltage Range:** Typically up to 6V or 7V. * **Output Voltage:** Fixed at **3.5V**. * **Maximum Output Current:** Usually rated for **300mA**. * **Low Dropout Voltage:** Designed to operate with a very small difference between input and output (typically < 300mV at full load). * **Quiescent Current:** Very low, making it suitable for battery-powered devices. * **Protections:** Built-in thermal shutdown and current limiting circuitry. --- ### 3. Pin Configuration (SOT-25) The SOT-25 package typically follows this standard pinout for LDOs: | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | **VIN** | Input Supply Voltage | | 2 | **GND** | Ground | | 3 | **CE / EN** | Chip Enable (Active High) | | 4 | **NC / BYP** | No connection or Bypass Capacitor | | 5 | **VOUT** | Regulated Output Voltage (3.5V) | --- ### 4. Typical Application Circuit To ensure stability, LDOs require external capacitors. ```mermaid graph LR Vin[Input Voltage] --> C1[Cin: 1uF] C1 --> LDO[LR1102AL] LDO --> C2[Cout: 1uF] C2 --> Vout[3.5V Output] ``` ### 5. Common Use Cases * **Portable Electronics:** Smartphones, tablets, and handheld GPS units. * **Battery Powered Systems:** Devices requiring long standby times due to low quiescent current. * **Post-Regulation:** Used after a switching regulator to "clean up" noise for sensitive analog components. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum input voltage for the LR1102 series?
    • ⤷ Can I use this regulator if my input voltage is exactly 3.5V?
    • ⤷ What is the recommended value for the bypass capacitor on pin 4?