データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LR6-E-R

  • AI
    The **LR6-E-R** is a specific model within the **Patlite LR6 Series** of signal towers (stack lights). This component is a modular LED unit designed for industrial automation signaling. Below is an explanation of its electronic and physical specifications. --- ## 1. Technical Specifications The LR6-E-R follows a modular design, meaning it is the "Red" LED module part of a larger stack light assembly. | Feature | Specification | | :--- | :--- | | **Model Name** | LR6-E-R | | **Series** | LR6 (60mm Diameter) | | **Color** | Red (R) | | **Light Source** | Ultra-bright Multi-color LED | | **Rated Voltage** | 24V DC (Standard for LR6 series) | | **Current Consumption** | 0.04A (Typical) | | **Operating Temp.** | -20°C to +50°C | | **Protection Rating** | IP65 (When assembled correctly) | --- ## 2. Key Electronic Components & Features ### A. LED Technology The unit uses high-intensity LEDs arranged to provide 360-degree visibility. Unlike older bulb-based systems, the LR6-E-R uses a specialized lens design that enhances light diffusion and brightness while consuming significantly less power. ### B. Modular Connection (The "Twist and Lock" System) The electronic interface at the base of the module consists of: * **Concentric Circular Contacts:** These allow the module to receive 24V DC power regardless of its orientation when twisted into the base or another module. * **Internal Bus:** The signal is passed through the module to units stacked above it, allowing for multi-tier signaling (e.g., Red/Amber/Green). ### C. Circuit Protection The internal PCB (Printed Circuit Board) includes basic rectification and current-limiting resistors to ensure the LEDs operate at a constant brightness despite minor fluctuations in the 24V DC supply. --- ## 3. Physical & Mechanical Interface * **Lens Material:** Polycarbonate (Shock and heat resistant). * **Diameter:** 60mm. * **Assembly:** It uses a mechanical bayonet-style locking system. When you twist the module, the internal metal pins align with the circular pads of the unit below to complete the electrical circuit. --- ## 4. Wiring and Usage The LR6-E-R does not have its own wires. It relies on the **LR6 Base Unit** for power. 1. The PLC (Programmable Logic Controller) sends a 24V signal to the Red wire of the base unit. 2. The base unit transfers power up the stack to the LR6-E-R module. 3. The LED illuminates to indicate a specific machine state (usually "Emergency Stop" or "Fault").
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of LR6 modules that can be stacked on one base?
    • ⤷ Is the LR6-E-R compatible with 100-240V AC power systems?
    • ⤷ What are the differences between the LR6-E and the older LCE series?