データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LR9103G-22-AF5-R

  • AI
    The **LR9103G-22-AF5-R** is a low-dropout (LDO) linear regulator produced by **UTC (Unisonic Technologies)**. It is specifically designed for applications requiring low noise, high power supply rejection ratio (PSRR), and low quiescent current. ### 1. Part Number Breakdown The part number can be decoded to understand its specific technical attributes: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **LR9103** | Series Name | High PSRR, Low Noise LDO Regulator | | **G** | Halogen Free | Environmentally friendly materials (Green) | | **22** | Output Voltage | **2.2V** Fixed Output | | **AF5** | Package Type | **SOT-25** (Small Outline Transistor) | | **R** | Packing | Tape & Reel | --- ### 2. Key Technical Specifications Below are the typical electrical characteristics for this component: | Parameter | Value | | :--- | :--- | | **Input Voltage Range** | 2.2V to 6.0V | | **Output Voltage** | 2.2V (Fixed) | | **Output Current** | 300mA (Maximum) | | **Dropout Voltage** | ~180mV @ 100mA | | **PSRR** | 70dB @ 1kHz | | **Quiescent Current** | 70µA (Typical) | | **Operating Temperature** | -40°C to +85°C | --- ### 3. Internal Features and Functions * **Low Noise:** Optimized for sensitive RF and analog circuits to prevent interference. * **Enable/Shutdown Pin:** Allows the system to turn the regulator off to save power (Shutdown current < 1µA). * **Protection Circuits:** * **Current Limit:** Prevents damage during over-current conditions. * **Thermal Shutdown:** Shuts the device down if it exceeds safe operating temperatures. * **Stability:** Designed to be stable even with low-ESR ceramic capacitors. --- ### 4. Typical Application Circuit The LR9103 requires minimal external components to function. ```arduino Input Voltage (VIN) ----[ C1: 1uF ]----( PIN 1: VIN ) ( PIN 2: GND )---- Ground Enable Signal -------------------( PIN 3: EN ) ( PIN 4: NC )---- No Connect Output Voltage (2.2V)---[ C2: 1uF ]----( PIN 5: VOUT) ``` --- ### 5. Common Use Cases 1. **Mobile Phones:** Powering baseband or RF sections. 2. **Portable Electronics:** MP3 players, hand-held scanners, and cameras. 3. **Battery Powered Equipment:** Due to its low quiescent current and small SOT-25 footprint. 4. **Reference Voltage:** Providing a stable 2.2V for microcontrollers or ADCs. ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative packages for the LR9103 besides SOT-25?
    • ⤷ How does the PSRR value affect the performance of this LDO in audio circuits?
    • ⤷ Can this regulator handle an input voltage of 12V?