データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LR9103L-18-AF5-R

  • AI
    ## Analysis of LR9103L-18-AF5-R The **LR9103L-18-AF5-R** is a low-dropout (LDO) linear voltage regulator manufactured by UTC (Unisonic Technologies Co., Ltd). It is designed to provide a stable, fixed output voltage with high accuracy and low noise. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the specific characteristics of the component: | Component Code | Meaning | Details | | :--- | :--- | :--- | | **LR9103** | Series Name | Low Dropout Linear Regulator | | **L** | Lead-Free/Halogen-Free | Environmental compliance | | **18** | Output Voltage | Fixed **1.8V** output | | **AF5** | Package Type | **SOT-25** (also known as SOT-23-5) | | **R** | Packing | Tape & Reel | --- ### 2. Key Technical Specifications The device is optimized for battery-powered applications where power efficiency and space are critical. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | Up to 6.0V | | **Output Voltage** | 1.8V (Fixed) | | **Output Current** | 300mA (Typical) | | **Dropout Voltage** | ~200mV @ 100mA | | **Quiescent Current** | ~70µA | | **Operating Temperature** | -40°C to +85°C | --- ### 3. Pin Configuration (SOT-25) The SOT-25 package typically follows this standard layout for the LR9103 series: 1. **VIN**: Input Supply Voltage. 2. **GND**: Ground. 3. **EN (Enable)**: High = On, Low = Off (Shutdown mode). 4. **NC/BP**: No connection or Bypass capacitor (for noise reduction). 5. **VOUT**: Regulated 1.8V Output. --- ### 4. Typical Application Circuit To ensure stability, LDOs require external capacitors. ```markdown VIN ----[ C1: 1uF ]----| VIN VOUT |----[ C2: 1uF ]---- VOUT (1.8V) | LR9103 | Enable ---------| EN GND |---------- Ground ``` ### 5. Features and Use Cases * **Low Noise:** Suitable for sensitive RF and analog circuits. * **Enable Function:** Allows the system to enter a zero-current shutdown mode to save battery life. * **Built-in Protection:** Includes thermal shutdown and current limiting protection. * **Applications:** * Mobile Phones / Smartphones. * Portable Medical Equipment. * Bluetooth modules and IoT Sensors. * Battery-powered handheld devices.
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives to the LR9103L in a SOT-25 package?
    • ⤷ How does the dropout voltage affect the efficiency of this 1.8V regulator?
    • ⤷ What is the maximum power dissipation for the SOT-25 package used in this part?