データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LRF1206-R02JPB

  • AI
    The **LRF1206-R02JPB** is a specialized surface-mount (SMD) resistor manufactured by **Welwyn (TT Electronics)**. It belongs to the LRF series, which is designed for high-power sensing applications in a compact footprint. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specific electrical characteristics of the component: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **LRF** | Series Name | Low Resistance Flip Chip | | **1206** | Case Size | 3.2mm x 1.6mm (Metric 3216) | | **R02** | Resistance Value | 0.02 Ohms (20 mΩ) | | **J** | Tolerance | ±5% | | **PB** | Packaging | Pb-free (Lead-free) Tape & Reel | --- ### 2. Technical Specifications The LRF1206 series is engineered to handle higher power than standard thick-film resistors of the same size. | Parameter | Value | | :--- | :--- | | **Resistance** | 0.02 Ω (20 mΩ) | | **Power Rating** | 0.5 Watts (at 70°C) | | **Temperature Coefficient (TCR)** | ±100 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Technology** | Thick Film on Ceramic | | **Mounting Style** | SMD/SMT | --- ### 3. Key Features * **Flip-Chip Design:** Unlike standard resistors where the resistive element is on the top, flip-chip technology places the element facing the PCB. This improves thermal dissipation through the solder joints. * **Low Inductance:** The construction minimizes parasitic inductance, making it suitable for high-frequency switching applications. * **AEC-Q200 Qualified:** Many parts in this series are tested for automotive reliability standards (check specific batch documentation). --- ### 4. Common Applications Because this part has a very low resistance (20 mΩ), it is primarily used for **Current Sensing**. 1. **Battery Management Systems (BMS):** Monitoring charge and discharge currents. 2. **DC-DC Converters:** Providing feedback for current-mode control loops. 3. **Motor Control:** Sensing phase current to protect the motor from overcurrent conditions. 4. **Power Supplies:** Implementing "over-current protection" (OCP) circuits. --- ### 5. Implementation Example In a typical circuit, the LRF1206-R02JPB is placed in series with the load. The voltage drop across it ($V = I \times R$) is measured by an amplifier. ```c // Calculation Example: // If the circuit draws 5 Amps: // V_drop = 5A * 0.02 Ohms = 0.1V (100mV) // This 100mV signal is then sent to a microcontroller or comparator. ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of flip-chip resistors over standard SMD resistors?
    • ⤷ How do I calculate the power dissipation for this resistor if my circuit carries 3 Amps?
    • ⤷ Are there 1% tolerance alternatives available for this specific part?