データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LRF1206-R02JT1

  • AI
    The **LRF1206-R02JT1** is a high-power, low-resistance SMT (Surface Mount Technology) chip resistor. It is specifically designed for current sensing applications where precision and thermal stability are critical. --- ### 1. Key Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Manufacturer** | Welwyn / TT Electronics | Primary manufacturer | | **Package / Case** | 1206 (3216 Metric) | 3.2mm x 1.6mm footprint | | **Resistance Value** | 20 mΩ (0.02 Ω) | Indicated by "R02" in the part number | | **Tolerance** | ±5% | Indicated by "J" | | **Power Rating** | 0.5 Watts (1/2 W) | Rated at 70°C | | **Temperature Coefficient** | ±100 ppm/°C | Stability over temperature ranges | | **Technology** | Thick Film | Metal foil/thick film construction | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **LRF:** Series name (Low Resistance Flush mount/Power). * **1206:** Physical size (0.12 x 0.06 inches). * **R02:** Resistance value. The 'R' acts as a decimal point ($0.02 \Omega$). * **J:** Tolerance code ($J = \pm5\%$, $F = \pm1\%$, $G = \pm2\%$). * **T1:** Packaging (typically refers to Tape & Reel, 1000 or 5000 pcs). --- ### 3. Core Features & Applications #### **Features** * **Low Inductance:** Ideal for high-frequency switching circuits. * **High Power-to-Size Ratio:** Handles 0.5W in a standard 1206 footprint, which is higher than standard general-purpose resistors. * **Thermal Management:** Designed with materials that minimize "hot spots" during high current flow. #### **Common Use Cases** 1. **Current Sensing:** Used to measure current by monitoring the voltage drop across the resistor ($V = I \times R$). 2. **Power Supplies:** DC-DC converters and switching regulators. 3. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in portable electronics. 4. **Motor Control:** Detecting over-current conditions to protect circuits. --- ### 4. Comparison with Standard Resistors Unlike a standard $10k\Omega$ resistor used for signal pull-ups, the LRF1206-R02JT1 acts as a **shunt**. Because its resistance is extremely low (0.02 Ohms), it introduces minimal power loss into the system while allowing measurement circuitry to calculate the flow of Amperes accurately.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 0.5W power rating?
    • ⤷ Are there 1% tolerance versions of this specific series available for higher precision?
    • ⤷ How does the 'R02' naming convention change for a 200 mΩ resistor?