データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LRF1206-R02JW

  • AI
    The **LRF1206-R02JW** is a specific surface-mount technology (SMT) electronic component. It is a **low-resistance current sense resistor** (also known as a shunt resistor), typically used to monitor current flow in power electronic circuits. ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the specifications: | Part Segment | Meaning | Specification | | :--- | :--- | :--- | | **LRF** | Series | Low Resistance Metal Foil/Film | | **1206** | Package Size | 12.0 mils x 06.0 mils (approx. 3.2mm x 1.6mm) | | **R02** | Resistance Value | **0.02 Ohms** (20 mΩ) | | **J** | Tolerance | **±5%** | | **W** | Power Rating / Packaging | Usually indicates high power (0.5W to 1W depending on series) | --- ### 2. Technical Specifications These resistors are designed for precision and durability in high-current environments. * **Resistance:** 20 milliohms (0.02 Ω). * **Tolerance:** ±5% (J grade). * **Power Rating:** Generally **0.5 Watts** to **1.0 Watts** (standard for 1206 current sense series). * **Temperature Coefficient (TCR):** Usually low (e.g., ±100 ppm/°C) to ensure stability as the component heats up. * **Technology:** Metal element or thick film on ceramic, designed for high pulse capability. --- ### 3. Key Applications Because of its very low resistance, this part is not used to limit current like a standard resistor, but rather to **measure** it. 1. **Current Sensing:** Placed in series with a load; the voltage drop across it ($V = I \times R$) is measured by an IC to determine current flow. 2. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in portable electronics. 3. **DC-DC Converters:** Providing feedback for overcurrent protection. 4. **Motor Control:** Sensing phase current to manage torque and speed. --- ### 4. Comparison with Standard Resistors Standard resistors (like a 1kΩ resistor) are meant to resist flow. Low-ohm resistors like the **LRF1206-R02JW** are optimized for: * **Heat Dissipation:** Larger terminals to pull heat away from the resistive element. * **Low Parasitic Inductance:** Important for high-speed switching power supplies. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 1% and 5% tolerance in current sensing applications?
    • ⤷ Can this resistor be used for high-frequency AC current sensing?
    • ⤷ How do I calculate the maximum current this resistor can handle based on its wattage?