データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LRF2010-R01FT1

  • AI
    ## Detailed Technical Overview of LRF2010-R01FT1 The **LRF2010-R01FT1** is a high-power, low-resistance SMT (Surface Mount Technology) chip resistor, typically manufactured by **Welwyn (TT Electronics)**. It is specifically designed for current sensing applications where high precision and thermal stability are required. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Series** | LRF (Low Resistance Metal Foil) | | **Package / Case** | 2010 (Metric: 5025) | | **Resistance Value** | 0.01 Ohms ($10 m\Omega$) | | **Tolerance** | $\pm 1\%$ (F) | | **Power Rating** | 1 Watt to 2 Watts (Depending on heatsinking) | | **Temperature Coefficient (TCR)** | $\pm 100 \text{ ppm/}^\circ\text{C}$ | | **Technology** | Metal Foil on Ceramic | | **Operating Temp Range** | $-55^\circ\text{C}$ to $+155^\circ\text{C}$ | --- ### 2. Physical Construction and Technology The part utilizes a **Metal Foil technology** rather than standard thick film. This provides several advantages: * **Low Noise:** Metal foil has lower thermal noise compared to thick film. * **High Stability:** The resistance value remains consistent even under high electrical stress. * **Heat Dissipation:** The 2010 package size allows for a larger surface area to dissipate heat, preventing "hot spots" on the PCB. --- ### 3. Part Number Breakdown (Nomenclature) Understanding the suffix and prefix is crucial for sourcing: * **LRF:** Series name (Low Resistance Foil). * **2010:** Dimensions (0.20 inches x 0.10 inches). * **R01:** Resistance value ($R$ acts as a decimal point, $0.01\Omega$). * **F:** Tolerance ($\pm 1\%$). * **T1:** Packaging (Tape and Reel, usually 1,000 or 4,000 pieces). --- ### 4. Common Applications Due to its low ohmic value and high power handling, this component is found in: 1. **Current Sensing:** Used as a shunt resistor to measure current flow in battery management systems (BMS). 2. **Power Supplies:** Monitoring output current in DC-DC converters. 3. **Motor Control:** Detecting over-current conditions in industrial drives. 4. **LED Lighting:** Regulating current for high-brightness LED arrays. --- ### 5. Design Considerations (Layout) When using the LRF2010-R01FT1 in a circuit, follow these best practices: ```c // Kelvin (4-terminal) Sensing Tip: // Even though this is a 2-terminal device, use a "Kelvin" // connection on the PCB layout. Connect the voltage-sensing // traces inside the main current pads to avoid measuring // the voltage drop of the solder joints. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between thick film and metal foil resistors in terms of performance?
    • ⤷ How do I calculate the maximum current this resistor can handle at 2 Watts?
    • ⤷ What are the recommended PCB pad dimensions for a 2010 package?