データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LRF2010-R01JW

  • AI
    The **LRF2010-R01JW** is a high-power, low-resistance surface mount (SMD) chip resistor. It is specifically designed for current sensing applications where precision and high power handling are required within a compact footprint. --- ### ## Technical Specifications The following table summarizes the key electronic characteristics of the LRF2010-R01JW: | Feature | Specification | | :--- | :--- | | **Manufacturer** | TT Electronics / Welwyn | | **Resistance Value** | 0.01 Ohms (10 mΩ) | | **Tolerance** | ±5% (indicated by 'J') | | **Power Rating** | 1 Watt (at 70°C) | | **Package Size** | 2010 (Metric: 5025) | | **Temperature Coefficient (TCR)** | ±100 ppm/°C | | **Technology** | Thick Film | | **Operating Temperature** | -55°C to +150°C | --- ### ### Key Features and Construction 1. **Low Resistance (Shunt):** With a resistance of only 10mΩ, this part acts as a "shunt" resistor. It allows designers to measure current by monitoring the small voltage drop across the component with minimal energy loss. 2. **Thermal Management:** The 2010 package is larger than standard 0805 or 1206 resistors, providing a larger surface area to dissipate the heat generated by its 1-watt power rating. 3. **AEC-Q200 Compliance:** Most parts in the LRF series are qualified for automotive use, meaning they are tested for high reliability under mechanical stress and thermal cycling. --- ### ### Common Applications Because of its ability to handle high current and provide precise measurements, it is commonly found in: * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. * **Motor Control:** Detecting over-current conditions in DC motors. * **Power Supplies:** Used in the feedback loop of DC-DC converters. * **LED Drivers:** Ensuring constant current delivery to high-power LEDs. --- ### ### Decoding the Part Number ```text LRF 2010 - R01 J W | | | | | | | | | +-- Packing (W = Waffle/Bulk or specific Reel) | | | +----- Tolerance (J = ±5%) | | +--------- Resistance Value (R01 = 0.01Ω) | +------------------ Case Size (2010) +----------------------- Series Name (Low Resistance Film) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 1W rating?
    • ⤷ How does a 1% tolerance version (F) compare in price and availability to this 5% version?
    • ⤷ What are the recommended PCB pad layouts for high-current sensing with 2010 packages?