データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LRF2010-R02FPB

  • AI
    ## Overview of LRF2010-R02FPB The **LRF2010-R02FPB** is a high-power, low-resistance SMT (Surface Mount Technology) shunt resistor manufactured by **TT Electronics / Welwyn**. It is specifically designed for current sensing applications where precision and heat dissipation are critical. --- ### 1. Key Technical Specifications | Parameter | Value / Detail | | :--- | :--- | | **Resistance** | $0.02 \Omega$ ($20 m\Omega$) | | **Tolerance** | $\pm 1\%$ (F-Class) | | **Power Rating** | $1.0$ Watt | | **Package Size** | 2010 (Inches) / 5025 (Metric) | | **Temperature Coefficient (TCR)** | $\pm 100 \text{ ppm/}^\circ\text{C}$ | | **Operating Temperature** | $-55^\circ\text{C}$ to $+155^\circ\text{C}$ | | **Technology** | Metal Film / Thick Film on Ceramic | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific characteristics: * **LRF**: Low Resistance Flip-chip series. * **2010**: Physical dimensions (0.20 x 0.10 inches). * **R02**: Resistance value ($R$ acts as a decimal point, so $0.02 \Omega$). * **F**: Tolerance code ($\pm 1\%$). * **PB**: Lead-free (Pb-free) finish / RoHS compliant. --- ### 3. Applications and Use Cases Because of its low resistance and high power handling, this component is typically found in: 1. **Current Sensing:** Used as a shunt to measure current flow in power supplies or battery management systems (BMS). 2. **DC-DC Converters:** Monitoring output current to prevent overcurrent conditions. 3. **Motor Control:** Providing feedback for torque and speed regulation. 4. **CPU/GPU Power Rails:** High-efficiency power regulation in computing hardware. --- ### 4. Physical Construction The **LRF2010** series utilizes a unique design to manage heat: * **Flip-Chip Design:** The resistive element is facing down towards the PCB, which significantly reduces the thermal path between the resistor and the board. * **Substrate:** Usually high-purity Alumina ($Al_2O_3$) for better thermal conductivity. * **Terminations:** Wraparound terminals designed for robust solder joints in high-vibration environments. ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative resistance values available in the LRF2010 series?
    • ⤷ How does the flip-chip design improve thermal performance compared to standard SMD resistors?
    • ⤷ What is the maximum current this resistor can handle based on its 1W power rating?