データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LRP-41MZ-R

  • AI
    The **LRP-41MZ-R** is a specific electronic component, typically categorized as a **Pressure Sensor** (often associated with automotive or industrial applications, manufactured by companies like Nidec Copal Electronics or similar specialized sensing firms). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The LRP-41MZ-R is a **Relative (Gauge) Pressure Sensor**. It is designed to convert physical pressure into an electrical signal (typically a voltage) for monitoring liquids or gases. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Sensor Type** | Piezoresistive Silicon Cell | | **Pressure Type** | Gauge (Relative to atmospheric pressure) | | **Operating Voltage** | Usually 5V DC (Typical for automotive/industrial) | | **Output Type** | Ratiometric Analog Voltage (0.5V to 4.5V range typical) | | **Pressure Range** | Specific to the series (Check datasheet for exact MPa/Bar) | | **Connection** | Integrated connector or lead wires (depending on the housing) | ### 3. Electronic Components & Internal Construction The device consists of several critical sub-parts that enable its function: * **Piezoresistive Element:** A silicon diaphragm with embedded resistors. When pressure is applied, the diaphragm flexes, changing the resistance (the Piezoelectric effect). * **Wheatstone Bridge:** The internal resistors are arranged in a bridge circuit to maximize sensitivity and minimize temperature interference. * **ASIC (Application Specific Integrated Circuit):** An internal chip that performs: * **Amplification:** Boosting the millivolt signal from the bridge. * **Compensation:** Adjusting for temperature fluctuations to ensure accuracy. * **Linearization:** Ensuring the output voltage is a straight-line representation of the pressure. * **Protection Circuitry:** Built-in protection against overvoltage, reverse polarity, and EMI (Electromagnetic Interference). ### 4. Application Areas * **Automotive:** Monitoring oil pressure, fuel pressure, or air intake. * **Industrial Automation:** Hydraulic system monitoring or pneumatic controls. * **Medical Equipment:** Monitoring fluid delivery pressures. --- ### 5. Typical Wiring Diagram (Electronic Interface) Most sensors in this series follow a standard 3-wire configuration: ```cpp // Typical Pinout logic Pin 1: Vcc (+5V Supply) Pin 2: GND (Ground) Pin 3: Vout (Analog Signal Output) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact pressure range for the M-series of this sensor?
    • ⤷ How does a ratiometric output differ from a fixed voltage output in these sensors?
    • ⤷ What are the common failure modes for piezoresistive pressure sensors?