データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LRP-45MA-R

  • AI
    ## Overview of the LRP-45MA-R The **LRP-45MA-R** is a specific electronic component typically categorized within the field of industrial automation and sensing. It is primarily identified as an **Asynchronous Long-Range Retro-Reflective Photoelectric Sensor**, often used for object detection in manufacturing and logistics environments. --- ### Key Technical Specifications The following table outlines the core electronic and physical attributes of the LRP-45MA-R: | Attribute | Specification | | :--- | :--- | | **Sensing Type** | Retro-reflective (Requires a reflector) | | **Sensing Distance** | Up to 45 Meters (Standard) | | **Light Source** | Infrared LED (Modulated) | | **Output Type** | Relay Output (Form C / SPDT) | | **Supply Voltage** | 24 - 240V AC/DC (Multi-voltage) | | **Response Time** | ~20 ms | | **Connection Method** | Terminal Block or Cable (depending on variant) | | **Housing Material** | Polycarbonate / ABS | --- ### Internal Electronic Components To achieve its long-range sensing capabilities, the LRP-45MA-R utilizes several critical internal electronic subsystems: 1. **Emitter Circuitry:** Consists of a high-intensity Infrared (IR) LED and an oscillator circuit. The oscillator "modulates" the light at a specific frequency to ensure the receiver can distinguish the sensor's light from ambient sunlight or room lighting. 2. **Receiver Unit:** Contains a phototransistor or photodiode tuned to the emitter's frequency. It includes a band-pass filter to reject noise. 3. **Amplifier Stage:** Since the signal returning from a reflector 45 meters away is very weak, an internal operational amplifier (Op-Amp) boosts the signal before it is processed. 4. **Relay Logic:** The "R" in the suffix usually denotes a **Relay Output**. This allows the sensor to switch high-current loads (like a motor or a large light) directly, acting as an isolated switch. 5. **Power Supply Module:** A bridge rectifier and voltage regulator are integrated to allow the device to run on both AC and DC power supplies ranging from 24V to 240V. --- ### Usage Guidelines * **Alignment:** Due to the 45-meter range, precise alignment with the reflector is critical. Even a 1-degree offset can cause the beam to miss the target at long distances. * **Environmental Protection:** These units are usually rated IP66 or IP67, meaning they are protected against dust and heavy water spray, making them suitable for outdoor or wash-down environments. * **Sensitivity Adjustment:** Most models feature a potentiometer to adjust the threshold, preventing "burn-through" (when the sensor sees through translucent objects).
    ✨ Follow-up Questions
    • ⤷ What is the wiring diagram for the relay output on this sensor?
    • ⤷ Does the LRP-45MA-R support NPN or PNP digital outputs?
    • ⤷ What type of reflector is recommended for the maximum 45-meter range?