データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LS-01-R

  • AI
    The **LS-01-R** typically refers to a specific model of a **2D LiDAR (Light Detection and Ranging) sensor**, often manufactured by Leishen (Lidar) Systems. It is widely used in robotics for SLAM (Simultaneous Localization and Mapping) and obstacle avoidance. --- ### Core Electronic Specifications The following table summarizes the key electronic and technical parameters of the LS-01-R: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Operating Voltage** | 5V DC | Requires a stable power source (usually via USB or Header). | | **Current Consumption** | ~500mA | Peak current during startup or high-speed rotation. | | **Laser Wavelength** | 785nm | Infrared laser (Class 1 Eye-safe). | | **Sampling Frequency** | 1.44 kHz - 4 kHz | Number of distance measurements per second. | | **Scanning Frequency** | 5 Hz - 10 Hz | Rotation speed of the LiDAR head. | | **Communication Interface** | UART (TTL) | Serial communication for data output. | | **Baud Rate** | 115,200 / 230,400 bps | Standard serial data transmission speeds. | --- ### Major Electronic Components The LS-01-R is composed of several critical subsystems that work together to provide spatial data: #### 1. Laser Emitter and Receiver * **Laser Diode:** Emits short pulses of infrared light. * **APD (Avalanche Photodiode):** A high-sensitivity light sensor that detects the reflected laser pulse. #### 2. Ranging Engine (DSP/FPGA) * The "brain" of the unit. It measures the **Time of Flight (ToF)** or **Triangulation** phase shift to calculate the precise distance from an object. #### 3. Motor and Drive System * **Brushless DC Motor:** Rotates the optical head 360 degrees. * **Opto-coupler / Encoder:** Provides feedback on the angular position of the laser, allowing the system to map distance data to a specific degree ($0^\circ$ to $359^\circ$). #### 4. Wireless Power & Data Transfer * To avoid tangled wires during 360-degree rotation, these units often use **Optical Communication** or **Slip Rings** to transfer data from the spinning head to the stationary base. --- ### Connection Interface (Pinout) The sensor typically connects via a 4-pin or 5-pin JST-style connector: 1. **VCC:** +5V Power Supply. 2. **GND:** Ground. 3. **TX:** Transmit Data (To Microcontroller/PC). 4. **RX:** Receive Data (Control commands/PWM for motor). 5. **M_SCT / PWM (Optional):** Used to control the motor speed via Pulse Width Modulation. --- ### Integration and Usage The electronic output is a serial data stream. To process this on a computer (like a Raspberry Pi or Jetson Nano), a **USB-to-TTL adapter** is usually required. Developers typically use ROS (Robot Operating System) drivers to parse the raw hex data into a "LaserScan" message.
    ✨ Follow-up Questions
    • ⤷How do I interface the LS-01-R with a Raspberry Pi using ROS?
    • ⤷ What is the difference between the LS-01-R and the RPLiDAR A1?
    • ⤷ How do I troubleshoot 'Check Laser' errors in the LS-01-R serial output?