データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LS03-R12J-RC

  • AI
    The **LS03-R12J-RC** is a surface-mount (SMD) power inductor commonly used in compact electronic circuits. It is part of the LS series, known for its high-quality ferrite core construction and reliability. ### 1. General Specifications The table below highlights the core technical parameters of this specific component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Fixed Inductor (SMD) | | **Inductance** | 0.12 µH | | **Tolerance** | ±5% (indicated by 'J') | | **Package Size** | 0603 (1608 Metric) | | **Core Material** | Ferrite | | **DC Resistance (DCR)** | Max 0.22 Ω (typical) | | **Rated Current** | ~450 mA | | **Self-Resonant Frequency** | > 500 MHz | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: * **LS**: Series prefix (Wire-wound Chip Inductor). * **03**: Case size (0603 Imperial / 1608 Metric). * **R12**: Inductance value (R represents the decimal point; $0.12\,\mu\text{H}$). * **J**: Tolerance code ($\pm 5\%$). * **RC**: RoHS Compliant. --- ### 3. Key Electronic Characteristics #### High Self-Resonant Frequency (SRF) Because of its low inductance ($0.12\,\mu\text{H}$), this part has a very high SRF. This makes it ideal for high-frequency applications where the inductor must maintain its inductive properties without becoming capacitive. #### Wire-Wound Construction Unlike multilayer chip inductors, the LS series typically uses a wire-wound structure on a ceramic or ferrite body. This provides: * Higher Q-factors (quality factor). * Lower DC resistance compared to multilayer types. * Better current handling capabilities. #### Applications This component is frequently found in: 1. **RF Circuits:** Matching networks and high-frequency filtering. 2. **Mobile Devices:** Power management in smartphones and tablets. 3. **EMI Suppression:** Filtering high-frequency noise in signal lines. --- ### 4. Technical Comparison: Ceramic vs. Ferrite While this specific model uses a ferrite core for better magnetic flux concentration, it is often compared to ceramic core inductors: | Feature | Ferrite (LS03-R12J) | Ceramic Core | | :--- | :--- | :--- | | **Inductance Range** | Higher | Lower | | **Current Handling** | Better | Moderate | | **Q-Factor** | Good | Excellent at high GHz | | **Saturation** | Can saturate | Does not saturate |
    ✨ Follow-up Questions
    • What are the alternative components with higher current ratings in the 0603 package?
    • How does the 'J' tolerance impact the performance in RF matching circuits?
    • What is the recommended solder profile for the LS03 series?