データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LS05-R11J-RC

  • AI
    ### Overview of the LS05-R11J-RC The **LS05-R11J-RC** is a compact, high-performance AC/DC power converter module designed by **Mornsun**. It belongs to the LS series, which is characterized by its "DIY" open-frame style, allowing engineers to customize peripheral circuits based on specific application requirements. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 264 VAC / 100 - 400 VDC | | **Output Power** | 5 Watts | | **Output Voltage** | 12 VDC | | **Output Current** | 420 mA | | **Efficiency** | ~79% (typical) | | **Isolation Voltage** | 3000 VAC | | **Package Style** | SIP (Single In-line Package) | --- ### Internal Electronic Components & Features The module functions as a complete switching power supply (SMPS) miniaturized into a small footprint. Its internal architecture includes: 1. **Switching Controller:** An integrated PWM (Pulse Width Modulation) controller that manages high-frequency switching to ensure efficient power conversion. 2. **Transformer:** A micro-sized high-frequency transformer that provides galvanic isolation between the input (AC side) and output (DC side). 3. **Rectification & Filtering:** Internal diodes and capacitors convert the high-frequency AC from the transformer into stable 12V DC. 4. **Protection Circuitry:** * **Short Circuit Protection:** Continuous, self-recovery. * **Over-current Protection:** Limits output to prevent component damage. --- ### Mandatory External Components (Design Requirements) Because this is a **SIP (Single In-line Package) DIY module**, it requires external components to function safely and comply with EMC (Electromagnetic Compatibility) standards. #### 1. Input Side (Primary) * **Fuse:** A slow-blow fuse (typically 1A/250V) is mandatory for safety. * **Varistor (MOV):** Protects the module from voltage surges. * **Filter Capacitor:** A high-voltage electrolytic capacitor is needed to smooth the rectified input. #### 2. Output Side (Secondary) * **Filter Capacitor:** An electrolytic capacitor (e.g., 220μF) is required to reduce output ripple and noise. * **Voltage Regulator (Optional):** If extremely low noise is required, a linear regulator (LDO) can be added after the module. --- ### Typical Application Circuit ```text AC(L) ---- [Fuse] ---- [NTC] ----+---- [Bridge Rectifier] ----+---- [LS05-R11J-RC] ---- [C_out] ---- DC(+) | | AC(N) ---------------------------+----------------------------+----------------------------- DC(-) ``` --- ### Common Applications * **Industrial Controls:** Powering sensors and small microcontrollers. * **IoT Devices:** Small footprint makes it ideal for smart home hubs. * **Home Appliances:** Control boards for white goods where space is limited. * **Smart Grids:** Powering meters and communication modules.
    ✨ Follow-up Questions
    • ⤷ What are the recommended values for the external input filter capacitors for the LS05 series?
    • ⤷ Does this module require a specific heat sink for 5W operation?
    • ⤷ How does the LS05-R11J-RC compare to the LS05-13B12R3 in terms of size?