データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMH-2012-R15M-B

  • AI
    The **LSMH-2012-R15M-B** is a surface-mount (SMD) power inductor commonly used in compact electronic devices. This part belongs to the **Molded Power Inductor** category, designed for high-efficiency power conversion. --- ### 1. Part Number Breakdown Based on standard industry nomenclature for inductors, the part number can be decoded as follows: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **LSMH** | Series Prefix | High-current, low-profile molded inductor. | | **2012** | Package Size | 2.0mm x 1.25mm (Metric equivalent to 0805 size). | | **R15** | Inductance Value | **0.15 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Standard for power inductors). | | **B** | Packaging/Suffix | Typically denotes internal design version or Bulk/Reel type. | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (such as Sunlord or similar brands), typical characteristics for this part include: * **Inductance:** 0.15 µH. * **Operating Temperature:** Generally -40°C to +125°C. * **Construction:** Metal alloy powder molding, which provides excellent magnetic saturation characteristics. * **Shielding:** Shielded construction to minimize Electromagnetic Interference (EMI). --- ### 3. Electronic Characteristics & Benefits #### A. Low DCR (Direct Current Resistance) The internal copper windings are designed to have very low resistance. This minimizes power loss through heat (I²R loss), making it ideal for battery-operated devices where efficiency is critical. #### B. High Saturation Current ($I_{sat}$) Due to the molded metal powder core, these inductors exhibit a "soft saturation" curve. Unlike ferrite cores that drop inductance sharply when current increases, this part maintains its performance even under high transient loads. #### C. EMI Shielding The molded body acts as a natural shield, containing the magnetic flux within the component. This prevents the inductor from interfering with sensitive nearby components like RF antennas or high-speed data lines. --- ### 4. Common Applications * **DC-DC Converters:** Used in "Buck" (step-down) converters to smooth out current. * **Mobile Devices:** Smartphones, tablets, and wearables where PCB space is extremely limited (2012 footprint). * **CPU/GPU Power Supply:** Providing stable power to microprocessors in portable electronics.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor size?
    • ⤷ How does a molded inductor differ from a traditional wire-wound ferrite inductor?
    • ⤷ Which manufacturers are the primary suppliers for the LSMH series?