データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMH-2012-R18S-T

  • AI
    The **LSMH-2012-R18S-T** is a surface-mount (SMD) power inductor commonly used in compact electronic devices for power management and signal filtering. --- ## 1. Technical Specifications The part number follows a standardized naming convention that describes its physical size and electrical characteristics. | Parameter | Value / Specification | | :--- | :--- | | **Component Type** | SMD Wire-wound Power Inductor | | **Inductance** | 0.18 µH (R18) | | **Tolerance** | ±20% (S) | | **Case Size (Metric)** | 2012 (2.0mm x 1.25mm) | | **Case Size (Imperial)** | 0805 | | **Packaging** | Tape & Reel (T) | --- ## 2. Key Electronic Features ### High Current Handling Despite its small 0805 footprint, these inductors are designed with a low DC Resistance (DCR). This allows them to handle relatively high rated currents without significant overheating, making them ideal for DC-DC converter circuits. ### Magnetic Shielding Parts in the "LSMH" series are typically **semi-shielded**. This construction uses a magnetic resin coating over the wire windings. * **Benefit:** It reduces electromagnetic interference (EMI) and prevents the inductor from affecting nearby sensitive components on the PCB. ### Low Profile The "2012" size indicates a very small footprint (2.0mm length), which is essential for high-density circuit boards found in smartphones, tablets, and wearable technology. --- ## 3. Common Applications This specific inductor is generally used in high-frequency switching environments: 1. **Buck/Boost Converters:** Used as an energy storage element in voltage regulation modules. 2. **Smartphones/Tablets:** Powering CPU cores or display backlights where space is limited. 3. **Noise Filtering:** Acting as a low-pass filter to smooth out ripples in power supply lines. --- ## 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **LSMH** | Manufacturer Series (Low profile, semi-shielded power inductor) | | **2012** | Dimensions (2.0mm x 1.25mm) | | **R18** | Inductance Value (R denotes decimal: 0.18 microhenries) | | **S** | Tolerance (S = ±20%) | | **T** | Packaging (T = Tape & Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ How does a semi-shielded inductor compare to a fully shielded one in terms of EMI?
    • ⤷ Can this inductor be used in high-temperature automotive applications?