データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMH-2012-R27M-B

  • AI
    The **LSMH-2012-R27M-B** is a surface-mount (SMD) power inductor commonly used in compact electronic devices. This part belongs to a category of "Molded Chip Power Inductors," which are designed for high-efficiency power conversion in limited spaces. --- ### ## Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code | Meaning | Description | | :--- | :--- | :--- | | **LSMH** | Series Name | High-current, low-profile molded power inductor series. | | **2012** | Dimensions | Metric size (2.0mm x 1.25mm). Approximately 0805 in Imperial. | | **R27** | Inductance | **0.27 µH**. The "R" acts as a decimal point. | | **M** | Tolerance | **±20%** (Industry standard for inductors). | | **B** | Packaging/Type | Internal code for specific base material or packaging style. | --- ### ## Technical Specifications While specific values may vary slightly by manufacturer (such as Sunlord or Chilisin), these are the typical parameters for this part: * **Inductance:** 0.27 µH * **DC Resistance (DCR):** Extremely low (typically < 30 mΩ) to minimize power loss. * **Saturation Current (Isat):** Usually ranges between **3.0A to 5.0A**, allowing it to handle high peak currents without losing inductance. * **Rated Current (Irms):** The continuous current it can handle while maintaining a specific temperature rise (usually 40°C). * **Operating Temperature:** -40°C to +125°C. --- ### ## Physical Construction The "Molded" aspect of the LSMH series is its most critical electronic feature: 1. **Metal Alloy Core:** Instead of traditional ferrite, these use a metallic powder. This allows for a "soft saturation" curve, meaning the inductor doesn't suddenly fail when current spikes. 2. **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB. 3. **Monolithic Structure:** The wire is embedded directly into the body, providing high mechanical strength and resistance to vibration. --- ### ## Common Applications This part is specifically engineered for high-frequency DC-DC converters found in: * **Smartphones & Tablets:** For CPU/GPU power rails. * **Wearables:** Due to the small 2012 footprint. * **SSD/Storage:** For voltage regulation modules. * **IoT Modules:** Where high efficiency and small size are required.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Isat) for this specific inductor model?
    • ⤷ How does a molded inductor compare to a traditional wire-wound ferrite inductor?
    • ⤷ Are there recommended PCB footprint dimensions for a 2012 metric package?