データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMH-2012-R39K-T

  • AI
    The **LSMH-2012-R39K-T** is a specific surface-mount electronic component, primarily categorized as a **Wire-Wound Chip Inductor**. These parts are designed for high-frequency applications where high Q-factors and stable inductance are required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **LSMH** | Series | High-current / Wire-wound inductor series. | | **2012** | Case Size | Metric dimensions: 2.0mm x 1.25mm (equivalent to EIA 0805). | | **R39** | Inductance | **0.39 µH** (R acts as a decimal point). | | **K** | Tolerance | **±10%** (Standard tolerance for this class). | | **T** | Packaging | **Tape & Reel** (Standard for automated pick-and-place). | --- ### 2. Key Technical Specifications Typical parameters for an inductor in this series include: * **Inductance:** 0.39 µH (Microhenries). * **DC Resistance (DCR):** Usually very low (mΩ range) to minimize power loss. * **Rated Current:** Capable of handling high saturation currents compared to multilayer inductors of the same size. * **Operating Temperature:** Generally rated from -40°C to +125°C. * **Construction:** Ceramic or Ferrite core with a copper wire winding, often coated with epoxy for protection. --- ### 3. Features and Applications #### Core Features * **High Q Factor:** Excellent performance at high frequencies. * **Compact Footprint:** The 0805 (2012) size allows for high-density PCB layouts. * **Stability:** Wire-wound construction provides better stability against temperature fluctuations and current spikes than thin-film alternatives. #### Common Applications 1. **RF Circuits:** Used in impedance matching and resonance circuits for wireless communication. 2. **Power Management:** Filtering high-frequency noise in DC-DC converters for mobile devices. 3. **EMI Suppression:** Blocking high-frequency interference in signal lines. --- ### 4. Mounting & Soldering The part is designed for **SMT (Surface Mount Technology)**. It is compatible with lead-free reflow soldering processes. Due to the wire-wound nature, it is important to follow the manufacturer's recommended land pattern to ensure mechanical stability.
    ✨ Follow-up Questions
    • ⤷ What are the differences between wire-wound and multilayer inductors?
    • ⤷ Can this part be substituted with an 'R39J' tolerance rating?
    • ⤷ What is the typical saturation current for a 2012 size inductor?