データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSML-201209-R12K-T

  • AI
    The **LSML-201209-R12K-T** is a Surface Mount Device (SMD) multilayer chip inductor. It is commonly used in high-frequency circuits for noise suppression and signal filtering. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Description | | :--- | :--- | :--- | | **LSML** | Series Code | Multilayer Chip Inductor (Standard Type) | | **201209** | Case Size | 2.0mm x 1.25mm x 0.9mm (EIA 0805) | | **R12** | Inductance Value | R12 = 0.12 microhenries ($\mu$H) | | **K** | Tolerance | ±10% | | **T** | Packaging | Tape & Reel | --- ### 2. Key Specifications These inductors are designed for compact electronics where space is limited but performance stability is required. * **Inductance:** 0.12 $\mu$H * **DC Resistance (DCR):** Usually low (typically < 0.50 $\Omega$), minimizing power loss. * **Self-Resonant Frequency (SRF):** High, making it suitable for high-frequency applications. * **Rated Current:** Typically ranges between 200mA to 500mA depending on the specific manufacturer's thermal rating. * **Operating Temperature:** Generally -40°C to +85°C or +125°C. --- ### 3. Construction and Material The device is built using **Multilayer Technology**, which involves: 1. **Ferrite Material:** Layers of ceramic/ferrite material act as the magnetic core. 2. **Internal Electrodes:** Silver (Ag) or similar high-conductivity metal printed in a spiral pattern between layers. 3. **Termination:** Triple-layer plating (typically Silver/Nickel/Tin) to ensure excellent solderability and prevent "leaching" during the reflow soldering process. --- ### 4. Applications This specific inductor is found in various consumer and industrial electronics: * **Mobile Devices:** Filtering for smartphones and tablets. * **Communication:** Bluetooth, Wi-Fi modules, and RF circuits. * **Decoupling:** Used in power supply lines to suppress high-frequency noise. * **Computer Peripherals:** Motherboards, video cards, and USB hubs. --- ### 5. Footprint (0805 Metric) If you are designing a PCB (Printed Circuit Board), use the following dimensions: ```text Length (L): 2.0mm ± 0.2mm Width (W): 1.25mm ± 0.2mm Height (T): 0.9mm ± 0.2mm ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a multilayer inductor and a wire-wound inductor?
    • ⤷ How does the Q-factor of this inductor affect RF circuit performance?
    • ⤷ Can this part be used for power-intensive DC-DC converters?