データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSML-201209-R15K-B

  • AI
    The **LSML-201209-R15K-B** is a surface-mount (SMD) multilayer chip inductor. It is commonly used in high-frequency circuits for noise suppression, signal filtering, and impedance matching. Below is a breakdown of its technical specifications and part number nomenclature. --- ## 1. Technical Specifications | Parameter | Value | | :--- | :--- | | **Inductance** | 0.15 µH (150 nH) | | **Tolerance** | ±10% (K) | | **Package / Case** | 0805 (2012 Metric) | | **Dimensions (L x W)** | 2.0 mm x 1.25 mm | | **Technology** | Multilayer Ferrite | | **DC Resistance (Max)** | ~0.30 - 0.45 Ω (Typical for this range) | | **Rated Current** | ~200 - 300 mA | | **Operating Temperature** | -40°C to +85°C / +125°C | --- ## 2. Part Number Deciphering The alphanumeric code provides specific information about the component's physical and electrical characteristics: | Code | Meaning | Description | | :--- | :--- | :--- | | **LSML** | Series | Multilayer Chip Inductor (Low Profile/Standard Series) | | **2012** | Size (Metric) | 2.0mm x 1.2mm (Equivalent to **0805** in Imperial) | | **09** | Thickness | Denotes a height of approximately 0.9 mm | | **R15** | Inductance | "R" acts as a decimal point. R15 = **0.15 µH** | | **K** | Tolerance | **±10%** | | **B** | Packaging | Typically denotes **Bulk** or a specific Reel Type | --- ## 3. Key Electronic Functions ### A. Multilayer Construction Unlike wire-wound inductors, this part is made by layering ferrite paste and conductive patterns. This results in a **monolithic structure** that is highly reliable, has no crosstalk (magnetic shielding), and is physically robust for automated SMT assembly. ### B. High Self-Resonant Frequency (SRF) Because of its small 0805 footprint and multilayer design, it maintains its inductive properties into high-frequency ranges, making it ideal for RF applications. ### C. Applications * **Mobile Electronics:** Smartphones and tablets for power line filtering. * **EMI Suppression:** Reducing electromagnetic interference in high-speed data lines. * **RF Matching:** Used in wireless modules (Bluetooth, Wi-Fi) to match antenna impedance. --- ## 4. Comparison: Multilayer vs. Wire-wound | Feature | Multilayer (LSML) | Wire-wound | | :--- | :--- | :--- | | **Size** | Smaller, lower profile | Generally larger | | **Current Handling** | Moderate | High | | **Shielding** | Excellent (Self-shielded) | Poor (unless shielded) | | **Cost** | Cost-effective | More expensive |
    ✨ Follow-up Questions
    • ⤷ What is the maximum DC resistance for the LSML-201209-R15K-B?
    • ⤷ How does the 'K' tolerance affect circuit performance in RF filters?
    • ⤷ Are there automotive-grade equivalents (AEC-Q200) for this inductor?