データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT2-12151-R

  • AI
    The **LSMT2-12151-R** is a high-performance, surface-mount (SMT) magnetic transducer (buzzer) commonly used in consumer electronics, medical devices, and security systems. It is designed to provide audible feedback while maintaining a small footprint. --- ### 1. Key Technical Specifications Below are the primary electrical and physical parameters for the LSMT2-12151-R: | Parameter | Value | | :--- | :--- | | **Rated Voltage** | 12 Vp-p | | **Operating Voltage** | 8.0 ~ 16.0 Vp-p | | **Rated Current** | Max. 40 mA | | **Coil Resistance** | $140 \pm 14 \Omega$ | | **Sound Pressure Level (SPL)** | Min. 85 dB @ 10cm | | **Resonant Frequency** | 2400 Hz | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Functional Components The device operates on electromagnetic principles. Its internal structure consists of: 1. **Magnetic Coil:** When an AC signal or PWM signal is applied, it creates a fluctuating magnetic field. 2. **Permanent Magnet:** Provides a static magnetic field to interact with the coil. 3. **Vibrating Diaphragm:** A metal disk that moves rapidly in response to the magnetic fluctuations, displacing air to create sound waves. 4. **Housing:** A heat-resistant plastic (usually LCP) designed to withstand reflow soldering temperatures. --- ### 3. Application Circuitry Because this is a **transducer** (not an indicator), it does not have an internal oscillating circuit. It requires an external square wave drive signal. #### Typical Drive Circuit (NPN Transistor) ```cpp // Schematic Concept [MCU/PWM Pin] ---- [Resistor] ----| B (Base) | [12V VCC] ---- [+] [Buzzer] [-] ----| C (Collector) | | E (Emitter) ---- [GND] ``` *Note: A flyback diode is often recommended across the buzzer terminals to protect the transistor from inductive voltage spikes.* --- ### 4. Key Advantages * **Washable Design:** Often comes with a protective tab (removable after soldering) to prevent contaminants from entering the sound hole during PCB washing. * **Tape and Reel Packaging:** Optimized for automated "Pick and Place" assembly lines. * **Small Form Factor:** The "1215" designation typically refers to its dimensions (approx. 12mm x 12mm x 9mm), making it suitable for compact PCBs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this transducer and a piezo buzzer?
    • ⤷ How do I calculate the flyback diode needed for this circuit?
    • ⤷ Can I drive this component directly from an Arduino GPIO pin?