データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT2-12551-R

  • AI
    The **LSMT2-12551-R** is a high-performance, shielded power inductor designed primarily for surface mount (SMT) applications. It belongs to a category of magnetic components used for energy storage and filtering in power management circuits. --- ### 1. Technical Specifications The following table highlights the typical electrical and physical characteristics of this component: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 12.0 µH (Typical) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | Low (optimized for high efficiency) | | **Saturation Current (Isat)** | High (designed to handle peak surges) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Package Size** | 12.5 x 12.5 x 6.0 mm (Approx.) | | **Operating Temp** | -40°C to +125°C | --- ### 2. Key Internal Components The construction of the LSMT2-12551-R involves several critical electronic materials: * **Ferrite Core:** The heart of the inductor, made of a ceramic-like material with high magnetic permeability to concentrate the magnetic field. * **Copper Winding:** A high-purity copper wire coil wrapped around the core. The gauge of this wire determines the DC resistance and current handling. * **Magnetic Shield:** An outer casing made of magnetic powder or a ferrite sleeve that contains the magnetic flux, preventing interference with nearby sensitive components. * **Termination (Pads):** Solderable lead-free (RoHS compliant) terminals for SMT mounting, usually finished with Tin (Sn) or Gold (Au) flash. --- ### 3. Application Use Cases Inductors like the LSMT2-12551-R are essential in modern electronics for the following functions: 1. **DC-DC Converters:** Used in Buck (step-down) or Boost (step-up) converters to store energy during the switching cycle. 2. **Noise Filtering:** Acts as a low-pass filter to block high-frequency AC noise while allowing DC to pass. 3. **Voltage Regulation:** Integrated into Motherboards, Server Power Supplies, and Industrial controllers to stabilize output voltage. --- ### 4. Code Representation (Example Footprint) If you were defining this part in an EDA tool (like Altium or KiCad), the footprint metadata might look like this: ```yaml Component: LSMT2-12551-R Category: Inductor / Power Footprint_Type: SMD Dimensions: Length: 12.5mm Width: 12.5mm Height: 6.0mm Pad_Layout: Two-terminal rectangular ```
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the LSMT2-12551-R?
    • ⤷ How does magnetic shielding improve performance in high-density PCBs?
    • ⤷ Are there smaller alternatives to the 12551 series with similar inductance?