データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT2-14151-R

  • AI
    The **LSMT2-14151-R** is an electronic component typically categorized within the electromechanical or passive component family, specifically designed as a **Magnetic Transducer (Buzzer)**. These parts are commonly used to provide audible feedback in consumer electronics, automotive dashboards, and medical devices. --- ### Technical Specifications Below are the typical electronic characteristics for the LSMT2-14151-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Magnetic Transducer (External Drive) | | **Rated Voltage** | 1.5V - 3.6V (Application dependent) | | **Operating Voltage** | 1.0V ~ 5.0V | | **Rated Current** | Max 80 - 100 mA | | **Sound Pressure Level (SPL)** | ~85 dB at 10cm | | **Resonant Frequency** | 2,700 Hz ± 300 Hz | | **Coil Resistance** | 15Ω ± 3Ω | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### Key Electronic Components & Working Principle The LSMT2-14151-R functions through electromagnetism rather than the piezoelectric effect. 1. **The Coil:** A copper winding that creates a magnetic field when current passes through it. The "15" in the part number often refers to the **15-ohm coil resistance**. 2. **The Magnet:** A permanent magnet that provides a static magnetic field. 3. **The Diaphragm:** A flexible metal disk. When an oscillating signal (Square wave) is applied to the coil, it creates a fluctuating magnetic field that moves the diaphragm up and down, producing sound waves. 4. **Housing:** Heat-resistant plastic (typically LCP) designed to withstand **Reflow Soldering** temperatures. --- ### Integration Guide Because this is an **External Drive** transducer, it does not have internal oscillation circuitry. You must provide a square wave at the resonant frequency to generate sound. #### Basic Driving Circuit ```mermaid [MCU/PWM Pin] --- [Resistor] --- [Base of NPN Transistor] | [Buzzer (+)] --- [VCC] | [Buzzer (-)] --- [Collector of Transistor] | [Emitter] --- [GND] ``` #### Programming Logic (Pseudo-code) ```cpp // Example: Driving the buzzer at 2.7kHz void setup() { pinMode(BUZZER_PIN, OUTPUT); } void loop() { tone(BUZZER_PIN, 2700); // Send 2.7kHz square wave delay(500); // Beep for 500ms noTone(BUZZER_PIN); // Stop delay(1000); } ``` --- ### Applications * **Mobile Devices:** Haptic or audible alerts. * **Medical:** Heart rate monitors or alarm indicators. * **Industrial:** Status indicators on PCBs where space is limited. * **Automotive:** Key fobs or dashboard warning chimes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between this magnetic transducer and a piezo buzzer?
    • ⤷ What are the recommended reflow soldering profiles for this SMT component?
    • ⤷ How does changing the duty cycle of the PWM signal affect the sound output?