データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT2-145G0-R

  • AI
    The **LSMT2-145G0-R** is a high-performance, surface-mount (SMT) tactile switch. It is primarily used in consumer electronics and industrial interfaces where space is limited and a physical "click" sensation (haptic feedback) is required. --- ### 1. Key Technical Specifications The following table highlights the core electrical and mechanical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Actuation Force** | 145 ± 50 gf (Grams-force) | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Switch Function** | Off-(On) Momentary | | **Mounting Type** | Surface Mount (SMT), Gull-wing | | **Height** | ~2.5mm (depending on specific series revision) | | **Contact Rating** | 50mA @ 12V DC | | **Operating Life** | ~100,000 to 200,000 cycles | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Physical Construction The switch consists of several critical layers that define its functionality: * **Actuator (Button):** The top part that the user presses. In this specific model, it is designed for a low profile. * **Metal Dome:** This is the heart of the switch. It provides the "snap" or tactile feel. When pressed, it collapses to complete the electrical circuit; when released, it springs back to the open position. * **Base/Housing:** High-temperature thermoplastic capable of withstanding **reflow soldering** temperatures (approx. 260°C). * **Terminals:** Silver or gold-plated leads for high conductivity and oxidation resistance. --- ### 3. Application Use Cases Because of its small footprint and reliability, the LSMT2-145G0-R is commonly found in: 1. **Wearables:** Smartwatches and fitness trackers. 2. **Portable Medical Devices:** Handheld monitors or diagnostic tools. 3. **Consumer Electronics:** Remote controls, cameras, and headphones. 4. **Computer Peripherals:** Reset buttons or mode selection switches on PCBs. --- ### 4. Circuit Diagram (Simplified) The switch operates as a simple "Normally Open" (NO) circuit: ```text Terminal A (Input) | ----- (Tactile Dome) / \ | | Terminal B (Output/Ground) ``` *When the actuator is pressed, the dome bridges Terminal A and Terminal B.*
    ✨ Follow-up Questions
    • ⤷What is the difference between silver and gold plating for this switch?
    • ⤷ What are the recommended reflow soldering profiles for this component?
    • ⤷ Can this switch be used in waterproof applications?