データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT2-22151-R

  • AI
    The **LSMT2-22151-R** is an electronic component primarily identified as a **Surface Mount (SMT) Magnetic Buzzer** or transducer. It is designed to convert electrical signals into audible sound, commonly used in consumer electronics for notifications, alarms, and feedback. --- ### 1. Key Technical Specifications Below is a breakdown of the typical technical parameters associated with this part: | Parameter | Value (Typical) | | :--- | :--- | | **Rated Voltage** | 1.5V - 3.6V DC | | **Operating Voltage** | 1.0V - 5.0V DC | | **Rated Current** | Max 100mA (at rated voltage) | | **Sound Pressure Level (SPL)** | Min 85dB at 10cm | | **Resonant Frequency** | 2730 Hz | | **Operating Temperature** | -40°C to +85°C | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Coil Resistance** | ~15 - 20 $\Omega$ | --- ### 2. Internal Components and Functionality The device operates on electromagnetic principles. Its internal structure consists of: 1. **Magnet:** Creates a permanent magnetic field. 2. **Coil:** When an AC signal or pulsed DC signal passes through the coil, it generates a fluctuating magnetic field. 3. **Diaphragm:** A thin metallic disk that reacts to the magnetic fluctuations, vibrating rapidly to create sound waves. 4. **Housing:** A heat-resistant plastic (LCP) casing designed to withstand reflow soldering temperatures. --- ### 3. Application Circuitry Because this is a **transducer** (not a self-driven indicator), it requires an external oscillating circuit to produce sound. #### Example Driver Circuit (Transistor Switch) ```c Vcc (3.3V) | [ Buzzer ] | +---|< (Diode for Back-EMF Protection) | [ Collector ] | [Base]--[Resistor]--[MCU GPIO Pin] | [ Emitter ] | GND ``` --- ### 4. Common Use Cases * **Medical Devices:** Pulse monitors or glucose meters for user alerts. * **Consumer Electronics:** Keypad feedback on handheld devices. * **Automotive:** Dashboard alerts and turn signal indicators. * **Security:** Entry/Exit delay beepers for alarm panels. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a transducer like the LSMT2 and a self-driven indicator buzzer?
    • ⤷ How should I calculate the flyback diode value for this component?
    • ⤷ What is the recommended reflow soldering profile for this SMT part?