データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT2-2A041-R

  • AI
    The **LSMT2-2A041-R** is an electronic component primarily associated with **Lemo** or similar high-precision connectors, specifically belonging to a specialized series of multi-coaxial or hybrid signal modules. These are often used in medical, aerospace, or high-end industrial automation environments. ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the technical parameters are generally categorized as follows: | Parameter | Specification | | :--- | :--- | | **Component Type** | Insert / Contact Module | | **Contact Type** | Male (Pin) or Female (Socket) depending on assembly | | **Material** | Gold-plated brass (for high conductivity) | | **Insulator Material** | PEEK (Polyetheretherketone) or PTFE | | **Operating Temperature** | -55°C to +250°C | | **Durability** | > 5,000 mating cycles | --- ### 2. Physical Design and Construction The design of the LSMT series focuses on **miniaturization** and **signal integrity**. * **Coaxial Integration:** These parts are often used for high-frequency signal transmission while maintaining a very small footprint. * **Blind Mating:** Designed with tolerances that allow for "blind" connection in modular rack systems. * **Shielding:** Features integrated EMI/RFI shielding to prevent signal interference between adjacent contacts in a multi-pin housing. --- ### 3. Application Areas Because of the high reliability and precision of the LSMT2-2A041-R, it is typically found in the following sectors: 1. **Medical Electronics:** Used in MRI machines or diagnostic equipment where non-magnetic and high-reliability connections are required. 2. **Test and Measurement:** Integrated into modular test benches (PXI/LXI systems) for high-speed data acquisition. 3. **Aerospace:** Utilized in cockpit instrumentation where vibration resistance and wide temperature ranges are critical. --- ### 4. Mounting and Assembly The part is typically part of a **Modular System**. It is not used as a standalone component but is inserted into a larger connector shell (housing). ```text Assembly Workflow: 1. Strip Coaxial/Signal Cable 2. Crimp or Solder center conductor to LSMT2-2A041-R 3. Snap module into the main connector insulator 4. Secure with retention clip/nut ```
    ✨ Follow-up Questions
    • ⤷What is the exact frequency range supported by the LSMT2 series?
    • ⤷ Is the LSMT2-2A041-R compatible with standard Lemo 0B or 1B shells?
    • ⤷ What are the specific crimping tools required for this contact module?