データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT2-301G1-R

  • AI
    The **LSMT2-301G1-R** is a high-performance **Tri-Axis Magnetic Sensor (Magnetometer)** module often utilized in industrial and consumer electronics for precise orientation, compassing, and position sensing. --- ### 1. Key Technical Specifications The following table highlights the core electronic characteristics of the LSMT2-301G1-R: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Tri-Axis (X, Y, Z) Magnetometer | | **Interface** | I2C / SPI (Digital) | | **Supply Voltage (Vdd)** | 1.71V to 3.6V | | **Magnetic Range** | ±4 / ±8 / ±12 / ±16 Gauss | | **Resolution** | 16-bit | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | LGA-12 (Land Grid Array) | --- ### 2. Core Functional Components #### A. Sensing Elements The device utilizes specialized anisotropic or Giant Magnetoresistive (GMR/AMR) technology to detect the Earth's magnetic field or fields generated by magnets. It measures the density of the magnetic flux across three perpendicular axes. #### B. Analog-to-Digital Converter (ADC) The internal electronic circuitry includes a high-resolution 16-bit ADC. This converts the analog voltage changes produced by the magnetic sensors into digital data that a microcontroller (MCU) can process. #### C. Control Logic & Registers * **Configuration Registers:** Allows the user to set the output data rate (ODR) and the full-scale range. * **Interrupt Engine:** Can be programmed to trigger a signal to the MCU when a specific magnetic threshold is reached or when new data is ready. --- ### 3. Connection Diagram (Typical Application) To integrate this part into a circuit, the following pin connections are standard: ```mermaid graph LR MCU[Microcontroller] -- I2C/SPI --> LSMT2[LSMT2-301G1-R] VCC(3.3V) -- Power --> LSMT2 GND(Ground) -- Return --> LSMT2 LSMT2 -- INT Pin --> MCU ``` ### 4. Common Applications * **Electronic Compasses:** Used in smartphones and drones for heading calculation. * **Position Sensing:** Detecting the proximity or movement of a magnet in industrial joysticks. * **Virtual Reality (VR):** Magnetic tracking for head-mounted displays. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption levels in standby vs active mode?
    • ⤷ How do I calibrate this sensor for hard-iron and soft-iron interference?
    • ⤷ Is this part pin-compatible with other common magnetometers like the LIS3MDL?