データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT2-30541-R

  • AI
    The **LSMT2-30541-R** is a high-performance, surface-mount (SMD) Power Inductor. It is commonly utilized in power management circuits where high current handling and low electromagnetic interference (EMI) are required. --- ### 1. Technical Specifications The following table highlights the typical electrical and physical characteristics of this component series: | Property | Value/Description | | :--- | :--- | | **Component Type** | Shielded Power Inductor | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Inductance Range** | Typically measured in $\mu H$ (dependent on exact sub-code) | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Core Material** | Ferrite / Metal Composite | | **Operating Temp** | -40°C to +125°C (Standard Industrial Grade) | --- ### 2. Key Electronic Features #### A. Magnetic Shielding The "shielded" nature of the LSMT2 series means the magnetic flux is contained within the component. This is critical for dense PCB layouts where the inductor is placed near sensitive components (like microcontrollers or sensors) to prevent cross-talk. #### B. Low DC Resistance (DCR) These parts are engineered with low DCR to minimize power loss through heat. This increases the overall efficiency of DC-DC converters and voltage regulator modules (VRMs). #### C. High Saturation Current ($I_{sat}$) The internal structure is designed to handle high peak currents without the inductance dropping significantly. This ensures stable performance during power spikes. --- ### 3. Common Applications Due to its robust thermal and electrical profile, the LSMT2-30541-R is used in: * **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies. * **Consumer Electronics:** Laptops, tablets, and high-end graphic cards. * **Industrial Power Supplies:** LED drivers and motor control circuits. * **Communication Equipment:** Base stations and networking routers. --- ### 4. Footprint and Packaging The "30541" in the part number often refers to the physical dimensions (e.g., approximately $3.0mm \times 3.0mm \times 1.5mm$). The **-R** suffix typically denotes compliance with **RoHS** standards and indicates that the parts are supplied on **Tape and Reel** for automated pick-and-place assembly.
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the 30541-R variant?
    • ⤷ How does magnetic shielding impact the PCB layout design?
    • ⤷ What are the equivalent alternatives from brands like Coilcraft or TDK?