データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT2-3A551-R

  • AI
    The **LSMT2-3A551-R** is a high-performance, surface-mount (SMT) common mode choke designed primarily for noise suppression in high-speed differential signal lines. It is widely used in automotive and industrial applications to ensure electromagnetic compatibility (EMC). --- ## 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Component Type** | Common Mode Choke | | **Impedance (at 100MHz)** | 550 $\Omega$ (Typical) | | **Rated Current** | 3.0 A (Max) | | **DC Resistance (DCR)** | 35 m$\Omega$ (Max) | | **Rated Voltage** | 50 VDC | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Size Code** | 4532 (Metric) / 1812 (Inch) | --- ## 2. Key Electronic Functions ### A. Common Mode Noise Suppression The primary role of the LSMT2-3A551-R is to filter out "common mode" noise—interference that travels in the same direction on both lines of a differential pair. Because of its magnetic structure, it provides high impedance to noise while allowing the desired signal (differential mode) to pass with minimal attenuation. ### B. Power Handling With a **3.0A rated current**, this part is robust enough to be used not only in data lines but also in DC power supply lines to prevent switching noise from radiating or entering sensitive circuits. ### C. Low DCR Design The maximum DC resistance is kept very low (35 m$\Omega$). This ensures: * Minimal voltage drop across the component. * Reduced heat generation during high-current operation. --- ## 3. Common Applications Due to its reliability and specific impedance profile, the LSMT2-3A551-R is typically found in: * **Automotive Electronics:** CAN-bus, FlexRay, and Ethernet infotainment systems. * **Industrial Controls:** Noise filtering for sensors and actuators. * **Power Supplies:** Input/output filtering for DC-DC converters to meet EMI standards (like CISPR25). --- ## 4. Equivalent Circuit Representation In a schematic, this part is represented as two coupled inductors wound on a single core: ```text Line 1 In o---( Inductor 1 )---o Line 1 Out ) ( ) ( <-- Magnetic Coupling ) ( Line 2 In o---( Inductor 2 )---o Line 2 Out ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended soldering profiles for the LSMT2-3A551-R?
    • ⤷ How does this part compare to a standard ferrite bead in noise suppression?
    • ⤷ Can this component be used for USB 3.0 data line protection?