データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT2-41540-R

  • AI
    The **LSMT2-41540-R** is an electronic component typically categorized as a **Surface Mount (SMT) Magnetic Transducer** or a magnetic buzzer. These components are designed to convert electrical signals into audible sound through electromagnetic induction. --- ### 1. Key Technical Specifications The following table outlines the general technical characteristics found in this specific series of magnetic transducers: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Rated Voltage** | 1.5 - 5.0 | Volts (V) | | **Operating Voltage** | 1.0 - 7.0 | Volts (V) | | **Rated Current** | Max 40 - 80 | mA | | **Sound Pressure Level (SPL)** | 85+ (at 10cm) | dB | | **Resonant Frequency** | 2400 - 2700 | Hz | | **Operating Temperature** | -40 to +85 | °C | | **Mounting Type** | Surface Mount (SMT) | - | --- ### 2. Internal Electronic Structure The LSMT2-41540-R operates on the principle of electromagnetism. Its internal construction includes several critical parts: * **Permanent Magnet:** Provides a static magnetic field. * **Electromagnetic Coil:** When an alternating current (AC) or pulsed DC passes through this coil, it creates a fluctuating magnetic field. * **Vibrating Diaphragm:** A thin metal plate (usually iron or a magnetic alloy) that reacts to the magnetic fluctuations. * **Housing:** A plastic casing (often Liquid Crystal Polymer) designed to withstand high-temperature reflow soldering. --- ### 3. Application Circuitry Unlike active buzzers, a magnetic transducer like the LSMT2-41540-R usually requires an **external drive circuit** (oscillator) to function. ```cpp // Example of driving a magnetic transducer using a Microcontroller (PWM) void setup() { pinMode(9, OUTPUT); // Connect to base of a driving transistor } void loop() { tone(9, 2670); // Send 2.67kHz square wave delay(500); noTone(9); delay(500); } ``` --- ### 4. Usage Considerations 1. **Driving Method:** Ensure you use a transistor (like an NPN S8050) to drive the buzzer, as microcontrollers cannot usually provide the 40mA+ current required. 2. **Polarity:** As an SMT component, it usually has a polarity mark (a '+' or a notch) indicating the positive terminal. 3. **Reflow Soldering:** These parts are designed for automated assembly. Follow the recommended lead-free reflow profile to avoid melting the internal diaphragm.
    ✨ Follow-up Questions
    • ⤷ Does the LSMT2-41540-R require an internal or external oscillator?
    • ⤷ What is the recommended driving current for this specific model?
    • ⤷ How does its SPL compare to piezo-electric buzzers?