データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT2-42160-R

  • AI
    ### Analysis of the LSMT2-42160-R The **LSMT2-42160-R** is a high-precision, linear synchronous motor (ironless type) manufactured by **Akribis Systems**. These motors are specifically designed for applications requiring high acceleration, zero cogging, and extremely smooth motion. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature representing its physical and electrical characteristics. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Linear Synchronous Motor | Ironless design | | **Continuous Force** | ~40 - 50 N | Depending on cooling (air/water) | | **Peak Force** | ~160 - 200 N | Maximum short-duration force | | **Motor Constant** | $K_m$ | Efficiency of force production vs heat | | **Magnetic Pitch** | 32mm (standard) | Distance between North-North poles | | **Winding Type** | Series/Parallel | Determines Voltage/Current ratio | --- ### 2. Core Electronic Components The "Electronic" side of this part involves the internal windings and the external interface required to drive it. #### A. The Winding Assembly (Forcer) * **Copper Coils:** The forcer contains three-phase (U, V, W) copper windings encapsulated in thermally conductive epoxy. * **Ironless Core:** Unlike standard motors, there is no laminated steel core. This eliminates **Cogging Force** (magnetic hesitation), allowing for sub-nanometer positioning. #### B. Feedback & Sensors (Optional/Integrated) * **Hall Effect Sensors:** Usually integrated to identify the position of the forcer relative to the magnets for commutation. * **Thermal Sensors:** Typically contains a **PTC Thermistor** or **KTY sensor** to protect the coils from overheating during high-duty cycles. --- ### 3. Connection and Wiring The LSMT2-42160-R typically uses a high-flex cable interface: | Wire Color/Label | Function | Type | | :--- | :--- | :--- | | **U, V, W** | Phase Leads | Power from the Servo Drive | | **PE / GND** | Ground | Protective Earth | | **Temp + / -** | Thermal Sensor | Protection circuit | | **Hall 5V / GND** | Sensor Power | DC Logic Power | | **Hall A, B, C** | Commutation | Digital feedback to Drive | --- ### 4. Required Peripheral Electronics To operate this part, you need a specific electronic ecosystem: 1. **Servo Drive:** Must support **3-phase Permanent Magnet Linear Motors**. 2. **Encoder:** A separate linear scale (optical or magnetic) is required, as the motor itself does not provide position feedback, only commutation signals. 3. **DC Bus/Power Supply:** Typically 24VDC to 300VDC depending on the required velocity. --- ### 5. Application Benefits * **Zero Cogging:** Perfect for scanning or high-uniformity printing. * **Low Mass:** The ironless forcer is light, allowing for extremely high acceleration (up to 10G). * **Non-Contact:** No wear parts, leading to high reliability in cleanroom environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the Hall sensors in this model?
    • ⤷ How do I calculate the thermal limit for the LSMT2 series during high-duty cycles?
    • ⤷ Which servo drive brands are most compatible with Akribis linear motors?