データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT2-44051-R

  • AI
    The **LSMT2-44051-R** is a specific electronic component, typically categorized as a surface-mount magnetic transducer (buzzer). It is widely used in consumer electronics for acoustic feedback. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics of this part: | Parameter | Typical Value | | :--- | :--- | | **Type** | Magnetic Transducer | | **Mounting Type** | Surface Mount (SMD) | | **Rated Voltage** | 3.6 Vp-p (Peak-to-Peak) | | **Operating Voltage** | 2.5 ~ 4.5 Vp-p | | **Rated Current** | Max 100 mA | | **Sound Pressure Level (SPL)** | Min 85 dB @ 10cm | | **Resonant Frequency** | 2700 Hz | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Description Unlike a "piezo" indicator which has internal circuitry to create sound, a **magnetic transducer** like the LSMT2-44051-R requires an external drive circuit. - **Operation:** It works on the principle of electromagnetism. An alternating current passes through a coil, creating a fluctuating magnetic field that moves a small metal diaphragm. - **Driving Signal:** To produce sound, the microcontroller must provide a square wave at the resonant frequency (2700 Hz). - **Polarity:** This part is polarized (indicated by a "+" mark on the casing). Reversing polarity may result in lower sound output or damage over time. --- ### 3. Application Circuitry To drive this component using a standard microcontroller (like an Arduino or ESP32), a transistor switching circuit is recommended because the current draw (100mA) exceeds the limit of most GPIO pins. ```cpp // Example: Arduino code to generate a 2.7kHz tone int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { tone(buzzerPin, 2700); // Send 2.7KHz sound signal delay(1000); // Wait for 1 second noTone(buzzerPin); // Stop sound delay(1000); // Wait for 1 second } ``` --- ### 4. Physical Layout and Soldering - **Footprint:** It is designed for automated SMT (Surface Mount Technology) assembly. - **Reflow Profile:** It is compatible with lead-free reflow soldering processes. - **Sound Hole:** The sound is usually emitted from the top. Care must be taken not to cover the hole with labels or potting compound during manufacturing.
    ✨ Follow-up Questions
    • ⤷What is the difference between a magnetic transducer and a piezo buzzer?
    • ⤷ Can I drive this component directly from a 5V GPIO pin?
    • ⤷ What are the common failure modes for SMD buzzers?