データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • LSMT4-2261-R

  • AI
    The **LSMT4-2261-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls where a physical user interface is required. --- ### 1. Key Technical Specifications Below are the typical technical parameters for this series of tactile switches: | Parameter | Specification | | :--- | :--- | | **Component Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Actuation Force** | Usually 160gf or 260gf (Check datasheet for "R" suffix variant) | | **Dimensions** | 5.2mm x 5.2mm (Common footprint for LSMT4 series) | | **Operating Life** | ~100,000 to 500,000 cycles | | **Contact Rating** | 50mA @ 12VDC | | **Travel** | 0.25mm ± 0.1mm | --- ### 2. Physical Construction The part is engineered for automated assembly and durability. Its internal structure consists of: * **Actuator (Button):** The top part the user presses. In the LSMT4 series, this is often a hard plastic stem. * **Metal Dome:** The heart of the switch. When pressed, it collapses to complete the circuit, providing the "click" tactile feedback. * **Base:** A high-temperature resistant thermoplastic (LCP or Nylon) capable of withstanding **Reflow Soldering** temperatures. * **Terminals:** Silver-plated or Gold-plated copper alloy for high conductivity and oxidation resistance. --- ### 3. Application Use Cases Because of its small footprint and SMT design, the LSMT4-2261-R is found in: 1. **Consumer Electronics:** Power buttons on tablets, volume rockers, or Bluetooth headsets. 2. **Automotive:** Steering wheel controls or infotainment system buttons. 3. **Industrial:** Reset buttons on PCB boards or membrane keypad interfaces. 4. **Medical:** Control panels for handheld diagnostic tools. --- ### 4. Circuit Diagram (Standard SPST) Most tactile switches in this category function as Single Pole Single Throw (SPST) Normally Open switches. ```text [ Terminal 1 ] ----\ ---- [ Terminal 3 ] \ (Switch Mechanism) [ Terminal 2 ] ----/ ---- [ Terminal 4 ] ``` *Note: In many 5.2mm SMD switches, pins 1-2 and pins 3-4 are internally connected.* ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 160gf and 260gf versions of this switch?
    • ⤷ Is the LSMT4-2261-R compatible with lead-free reflow soldering processes?
    • ⤷ Can this switch be used in waterproof applications?